Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B597 Datasheet(PDF) 2 Page - EPCOS

Part # B597
Description  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B597 Datasheet(HTML) 2 Page - EPCOS

  B597 Datasheet HTML 1Page - EPCOS B597 Datasheet HTML 2Page - EPCOS B597 Datasheet HTML 3Page - EPCOS B597 Datasheet HTML 4Page - EPCOS B597 Datasheet HTML 5Page - EPCOS B597 Datasheet HTML 6Page - EPCOS B597 Datasheet HTML 7Page - EPCOS B597 Datasheet HTML 8Page - EPCOS B597 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 2 of 23
Important notes at the end of this document.
Application
Inrush current limiter for smoothing andDC
link capacitors
To replace high-power fixed resistors for
capacitor charging
Overcurrent and short circuit protection
Features
Lead-free terminals
Self-protecting in case of malfunction of
short-circuit relay or internal short circuit of
capacitor
Inrush current limiters are not damaged
when directly connected to Vmax even without
additional current limitation
Marking: Type, manufacturer's logo,
reference temperature in °C and date code
YYWW
UL approval to UL 1434 (file number
E69802) for ICL application selected types;
Vmax = 480 V and VR = 400 V for C755
UL approval to UL 1434 (file number
E69802) for overcurrent protection Vmax =
420 V and VR = 380 V, except typeC758,
C1412 and C1451
VDE approval (licence number 40040539)for
ICL applications and for overcurrent
protection selected types
(licence number 104843)
IECQ certificate (file number 101-QA-13) for
ICL applications and for overcurrent
protection selected types
(file number 101-QA-2)
Qualification based on AEC-Q200, Rev. Dfor
B59412C1130B070 and B59451C1130B070
RoHS-compatible
Delivery mode
Cardboard strips (standard)
Cardboard tape reeled or in Ammo pack on
request
Dimensional drawing with coating,
C14** and C7**
Dimensions in mm
Type
wmax
hmax lmin thmax
Ød
C1412 15.0
19.0
35
7.5
0.8
C1451 15.0
19.0
35
7.5
0.8
C750
13.0
18.0
35
5.5
0.6
C751
13.0
18.0
35
7.5
0.6
C752
13.0
18.0
25
7.5
0.6
C753
13.0
18.0
25
7.5
0.6
C754
13.0
18.0
25
7.5
0.6
C755
13.0
18.0
35
7.5
0.6
C758
13.0
18.0
35
7.5
0.6
C770
9.0
13.5
25
7.5
0.6
C771
9.0
13.5
25
7.5
0.6
C772
9.0
13.5
25
7.5
0.6
C773
9.0
13.5
25
7.5
0.6
C774
9.0
13.5
25
7.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com