Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B59801 Datasheet(PDF) 3 Page - EPCOS

Part # B59801
Description  PTC thermistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59801 Datasheet(HTML) 3 Page - EPCOS

  B59801 Datasheet HTML 1Page - EPCOS B59801 Datasheet HTML 2Page - EPCOS B59801 Datasheet HTML 3Page - EPCOS B59801 Datasheet HTML 4Page - EPCOS B59801 Datasheet HTML 5Page - EPCOS B59801 Datasheet HTML 6Page - EPCOS B59801 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical specifications and ordering codes
TNTT
°C
R
(TNTT
5 K)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT + 5 K)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT + 15 K)
(VPTC
≤ 7.5 V)
Ω
R
(TNTT + 23 K)
(VPTC
≤ 2.5 V)
Ω
Ordering code
60
≤ 570
≥ 570
-
≥ 10 k
B59801D0060A040
70
≤ 570
≥ 570
-
≥ 10 k
B59801D0070A040
80
≤ 570
≥ 570
-
≥ 10 k
B59801D0080A040
90
≤ 550
≥ 1330
≥ 4 k
-
B59801D0090A040
100
≤ 550
≥ 1330
≥ 4 k
-
B59801D0100A040
110
≤ 550
≥ 1330
≥ 4 k
-
B59801D0110A040
120
≤ 550
≥ 1330
≥ 4 k
-
B59801D0120A040
Sensors
Limit temperature sensors, probe assemblies
D801
Page 3 of 7
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com