Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65545 Datasheet(PDF) 4 Page - EPCOS

Part # B65545
Description  Ferrites and accessories
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65545 Datasheet(HTML) 4 Page - EPCOS

  B65545 Datasheet HTML 1Page - EPCOS B65545 Datasheet HTML 2Page - EPCOS B65545 Datasheet HTML 3Page - EPCOS B65545 Datasheet HTML 4Page - EPCOS B65545 Datasheet HTML 5Page - EPCOS B65545 Datasheet HTML 6Page - EPCOS B65545 Datasheet HTML 7Page - EPCOS B65545 Datasheet HTML 8Page - EPCOS B65545 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Standard:
to IEC 63093-2
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature + 155 °C), color code black
Crastin SK 645 FR E41938 (M), E I DUPONT DE NEMOURS & CO INC
Winding:
see Processing notes, 2.1
Coil former
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

1
8.4
28
115
B65542B0000T001
B65542
Accessories
P 14
 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com