| Electronic Components Datasheet Search |
|
MLT2LH-LP Datasheet(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MLT2LH-LP Datasheet(HTML) 1 Page - PANDUIT CORP. |
|
1 / 3 page ![]() For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Part Number System for Pan-Steel® Cable Ties MLT 6 S — CP Bundle Diameter Reference (In.) Cross Section Standard Package Size S = Standard LH = Light Heavy H = Heavy EH = Extra-Heavy EH15 = Extra-Heavy-15 SH = Super-Heavy Q= 25 L* = 50 LP** = 50 CP = 100 *Standard Cross Section **Heavy Cross Section MLT = Metal Locking Tie Type Material (blank) = 304 316 = 316 Pan-Steel® Self-Locking Cable Ties – MLT Series • Self-locking head design speeds installation and locks into place at any length along the tie body • Provides a strong, durable method of cable bundling • Can be used in a wide range of indoor, outdoor, and underground (including direct burial) applications • Smooth surfaces and rounded edges assures cable protection and worker safety • Available in AISI 304 stainless steel for general-purpose applications • Available in AISI 316 stainless steel for the most corrosive environments *Other lengths available, contact Panduit Customer Service. **Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32. ***For information on installation tools, refer to pages B3.14 – B3.16. Table continued on page B3.6 Part Number Max. Bundle Diameter Length* Min. Loop Tensile Strength** Min. Bundle Diameter Width Thickness Recommended Installation Tool*** Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm Lbs. N In. mm In. mm In. mm AISI 304 Stainless Steel – For General Purpose Standard Cross Section MLT1S-CP 1.0 25 5.0 127 200 890 0.50 12.7 0.18 4.6 0.010 0.25 GS4MT, HTMT, PPTMT, ST2MT 100 500 MLT2S-CP 2.0 51 7.9 201 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT2S-L 2.0 51 7.9 201 200 890 0.50 12.7 0.18 4.6 0.010 0.25 50 500 MLT2.7S-CP 2.7 69 10.2 259 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT4S-CP 4.0 102 14.3 362 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT4S-L 4.0 102 14.3 362 200 890 0.50 12.7 0.18 4.6 0.010 0.25 50 500 MLT6S-CP 6.0 152 20.5 521 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT8S-CP 8.0 203 26.8 679 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT10S-CP 10.0 254 33.0 838 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT12S-Q 12.0 304 39.3 998 200 890 0.50 12.7 0.18 4.6 0.010 0.25 25 125 MLT14S-Q 14.0 355 45.5 1156 200 890 0.50 12.7 0.18 4.6 0.010 0.25 25 125 MLT15S-Q 15.0 380 49.2 1250 200 890 0.50 12.7 0.18 4.6 0.010 0.25 25 125 |
Similar Part No. - MLT2LH-LP |
|
Similar Description - MLT2LH-LP |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |