Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML2016 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ML2016
Description  Lithium Manganese Dioxide Rechargeable Batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML2016 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML2016 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML2016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1/2
Safety Instructions
This battery contains lithium, organic solvents, and other combustible materials. For this reason, improper handling of the battery could lead to distortion,
leakage*, overheating, explosion, or fire, causing bodily injury or equipment trouble. Please observe the following instructions to prevent accidents.
* Leakage is defined as the unintentional escape of a liquid from a battery.
• Never swallow.
Always keep the battery out of the reach of infants and young children to prevent it from being swallowed. If swallowed, consult a physician immediately.
• Do not replace.
Depending on the battery manufacturer, there might be major differences in performance even among the same types or models of batteries. If you are an
equipment manufacturer and need to replace the battery, please use a new one of the same type and same model as the existing one. Because this is a
rechargeable battery, its characteristics are completely different from a primary battery even though their shapes are alike. If a primary battery is installed in
the circuit in place of a rechargeable battery, gas could be generated or the primary battery could be short-circuited by charging. This could lead to
distortion, leakage, overheating, explosion, or fire. Please design your equipment so that the end user cannot replace the battery by mistake.
• Never use two or more batteries connected in series or in parallel.
If batteries are connected together, it is very difficult to design a circuit to observe whether or not the batteries are charged at specified voltage or current as
described in "Warning -Circuit Design".
• Never reverse the positive and negative terminals when mounting.
Improper mounting of the battery could lead to equipment trouble or short-circuiting. This could cause distortion, leakage, overheating, explosion, or fire.
• Never short-circuit the battery.
Do not allow the positive and negative terminals to short-circuit. Never carry or store the battery with metal objects such as a necklace or hairpin. Please
be careful when installing the battery not to short-circuit it with metal portions of the equipment. Otherwise, this could lead to distortion, leakage,
overheating, explosion, or fire.
• Never heat.
Heating the battery to more than 100 deg. C could increase the internal pressure, causing distortion, leakage, overheating, explosion, or fire.
• Never expose to open flames.
Exposing to flames could cause the lithium metal to melt, causing the battery to catch on fire and explode.
• Never disassemble the battery.
Do not disassemble the battery, because the separator or gasket could be damaged, leading to distortion, leakage, overheating, explosion, or fire.
• Never weld the terminals or solder a wire to the body of the battery directly.
The heat of welding or soldering could cause the lithium to melt or cause damage to the insulating material in the battery, leading to possible distortion,
leakage, overheating, explosion, or fire. When soldering the battery directly to equipment, solder only the tabs or leads. Even then, the temperature of the
soldering iron must be below 350 deg. C and the soldering time less than 5 seconds. Do not use a soldering bath, because the circuit board with battery
attached could stop moving or the battery could drop into the bath. Moreover, do not use excessive solder, because the solder could flow to unwanted
portions of the board, leading to a short-circuit or charging of the battery.
• Never allow liquid leaking from the battery to get in your eyes or mouth.
Because this liquid could cause serious damage, if it does come in contact with your eyes, flush them immediately with plenty of water and consult a
physician. Likewise, if the liquid gets in your mouth, rinse immediately with plenty of water and consult a physician.
• Keep a leaking battery away from fire.
If leakage is suspected or you detect a strange odor, keep the battery away from fire, because the leaked liquid could catch on fire.
• Never touch the battery electrodes.
Do not allow the battery electrodes to come in contact with your skin or fingers. Otherwise, the moisture from your skin could cause a discharge of the
battery, which could produce certain chemical substances causing you to receive a chemical burn.
• Never set the charge voltage above 3.3V.
Charging at a higher voltage could cause the generation of gas, internal short-circuiting, or other malfunctions, leading to distortion, leakage, overheating,
explosion, or fire. For details, see the recommended circuits in the figure below.
• Always charge at the nominal currents shown below.
Large surges of current could degrade the battery's characteristics, leading to distortion, leakage, overheating, explosion, or fire. To avoid excessive current
at the initiation of charging, make sure to attach protective resistance for current control. See the recommended circuits below.
ML
Lithium Manganese Dioxide Rechargeable Batteries
Warnings
Handling
Model
ML2032
ML2016
ML1220
Charge Current
2mA or lower
2mA or lower
1mA or lower
Hitachi Maxell, Ltd.
2-8-12, Iidabashi, Chiyoda-ku, Tokyo 102-8521, Japan
http://www.maxell.com
Values of data are not guaranteed.
All features and specifications are subject to change without notice.
Date of issue: June, 2003
Table 1 Nominal Charge Current by Model
Circuit Design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com