Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T024X000FJM-BK Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # T024X000FJM-BK
Description  PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJM-BK Datasheet(HTML) 4 Page - PANDUIT CORP.

  T024X000FJM-BK Datasheet HTML 1Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 2Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 3Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Product Bulletin
Ordering Information
Continuous Terminal Block Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Print terminal block labels ranging in size from 0.24 inches to 0.38 inches
Polyolefin
(FJM)
-40°F to 180°F
(-40°C to 82°C)
Representative offering only, visit www.panduit.com for complete listing of products.
MP75
PXE™ Series
Mobile Printer
Part Number
Part Description
Printer Compatibility
Print-On
Area
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T024X000FJM-BK MP Cassette, Continuous Tape, Polyolefin,
0.24" W x 23' L, Black on White
Y
Y
Y
Y
Black on
White
0.229
5.82
23
7
1
5
T038X000FJM-BK MP Cassette, Continuous Tape, Polyolefin,
0.38" W x 23' L, Black on White
0.347
8.82
Part Number
Part Description
Printer Compatibility
Ribbon &
Material Color
Width
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T038X000VPM-BK MP Cassette, Continuous Tape, Vinyl,
0.38" W x 23' L, Black on White.
Y
Y
Y
Y
Black on White
0.354
9.0
23
7.0
1
5
T038X000VXM-BK MP Cassette, Continuous Tape, Vinyl,
0.38" W x 23' L, Black on Yellow.
Black on Yellow
T038X000YKM-BK MP Cassette, Continuous Tape, Polyester,
0.38" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T038X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.38” W x 30’ L, White on Black.
White on Black
T050X000VPM-BK MP Cassette, Continuous Tape, Vinyl,
0.50" W x 23' L, Black on White.
Black on White
0.472 12.0
23
7.0
T050X000VXM-BK MP Cassette, Continuous Tape, Vinyl,
0.50" W x 23' L, Black on Yellow.
Black on Yellow
T050X000YKM-BK MP Cassette, Continuous Tape, Polyester,
0.50" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T050X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.50” W x 30’ L, White on Black.
White on Black
T075X000VPM-BK MP Cassette, Continuous Tape, Vinyl,
0.75" W x 23' L, Black on White.
Black on White
0.710 18.0
23
7.0
T075X000VXM-BK MP Cassette, Continuous Tape, Vinyl,
0.75" W x 23' L, Black on Yellow.
Black on Yellow
T075X000YKM-BK MP Cassette, Continuous Tape, Polyester,
0.75" W x 30' L, Black on Clear.
Black on Clear
30
9.1
T075X000BYM-WH MP Cassette, Continuous Tape, Polyester,
0.75” W x 30’ L, White on Black.
White on Black
Continuous Tape Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make changing labels easy
• Print custom pipe markers, voltage markers, signs, bin markers, and network ID labels on demand
• For flat label applications only
Vinyl Material (VXM & VPM)
Polyester Material (YKM & BYM)
Magnetic Material (MPM & MXM)
-40°F to 194°F (-40°C to 90°C)
-40°F to 257°F (-40°C to 125°C)
14°F to 104°F (-10°C to 40°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com