Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC02D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC02D
Description  Quad 2-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC02D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC02D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC02D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74HC02; 74HCT02 is a quad 2-input NOR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2.
Features and benefits
 Input levels:
 For 74HC02: CMOS level
 For 74HCT02: TTL level
 Complies with JEDEC standard no. 7A
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC02; 74HCT02
Quad 2-input NOR gate
Rev. 5 — 26 November 2015
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC02D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT02D
74HC02DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT02DB
74HC02PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT02PW
74HC02BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT02BQ


Similar Part No. - 74HC02D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC02D PHILIPS-74HC02D Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
74HC02D NXP-74HC02D Datasheet
100Kb / 15P
Quad 2-input NOR gate
Rev. 03-18 September 2008
74HC02D NXP-74HC02D Datasheet
132Kb / 16P
Quad 2-input NOR gate
Rev. 4-4 September 2012
74HC02D NXP-74HC02D Datasheet
132Kb / 1P
Quad 2-input NOR gate
Rev. 4-4 September 2012
logo
Toshiba Semiconductor
74HC02D TOSHIBA-74HC02D Datasheet
191Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-10-21 Rev.3.0
More results

Similar Description - 74HC02D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com