Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4052DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4052DB
Description  Dual 4-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4052DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4052DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4052DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4052
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 11 — 10 February 2016
4 of 27
Nexperia
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration for SO16 and (T)SSOP16
Fig 6.
Pin configuration for DHVQFN16
Table 2.
Pin description
Symbol
Pin
Description
2Y0, 2Y1, 2Y2, 2Y3
1, 5, 2, 4
independent input or output
1Z, 2Z
13, 3
common input or output
E
6
enable input (active LOW)
VEE
7
negative supply voltage
GND
8
ground (0 V)
S0, S1
10, 9
select logic input
1Y0, 1Y1, 1Y2, 1Y3
12, 14, 15, 11
independent input or output
VCC
16
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com