Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4053PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4053PW
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4053PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4053PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4053PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 10 February 2016
4 of 31
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration SO16, and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com