Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4066DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4066DB
Description  Quad single-pole single-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4066DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4066DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4066DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 8 — 3 December 2015
4 of 24
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
7.
Limiting values
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is
no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND.
[2]
For SO14 package: Ptot derates linearly with 8 mW/K above 70 C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
VSW = 0.5 V to VCC +0.5 V
[1]
-
25
mA
ICC
supply current
-50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2]
SO14, (T)SSOP14 and DHVQFN14
packages
-
500
mW
P
power dissipation
per switch
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4066
74HCT4066
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
10.0
4.5
5.0
5.5
V
VI
input voltage
GND
-
VCC
GND
-
VCC
V
VSW
switch voltage
GND
-
VCC
GND
-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
VCC = 10.0 V
-
-
35
-
-
-
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com