Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HCS30D Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HCS30D
Description  8-input NAND gate with Schmitt-trigger inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS30D Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HCS30D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS30D Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Nexperia
74HCS30
8-input NAND gate with Schmitt-trigger inputs
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ[1] Max
Min
Max
Min
Max
Unit
CPD
power
dissipation
capacitance
fi = 1 MHz; CL = 0 pF;
VI = GND to VCC;
VCC = 2.0 V to 6.0 V
[4]
-
10
-
-
-
-
-
pF
[1] Typical values are measured at nominal supply voltage.
[2] tpd is the same as tPHL and tPLH.
[3] tt is the same as tTHL and tTLH.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ(CL × VCC 2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
10.1. Waveforms and test circuit
001aal792
VOL
VOH
GND
VM
tPHL
tPLH
tTHL
tTLH
VM
VX
VY
Y output
A, B, C, D,
E, F, G, H
input
VI
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 10. Propagation delay input (A, B, C, D, E, F, G, H) to output (Y)
Table 8. Measurement points
Input
Output
VM
VM
VX
VY
0.5VCC
0.5VCC
10 %
90 %
74HCS30
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 27 June 2025
8 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com