Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HCS74BQ Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HCS74BQ
Description  Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS74BQ Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HCS74BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCS74BQ Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Nexperia
74HCS74
Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ[1] Max
Min
Max
Min
Max
Unit
nD to nCP; see Fig. 11
VCC = 2 V
19
-
-
22
-
24
-
ns
VCC = 4.5 V
8
-
-
9
-
9
-
ns
VCC = 6 V
5
-
-
6
-
6
-
ns
VCC = 3.0 V to 3.6 V
11
-
-
13
-
14
-
ns
tsu
set-up time
VCC = 4.5 V to 5.5 V
8
-
-
9
-
9
-
ns
nD to nCP; see Fig. 11
VCC = 2 V
0
-
-
0
-
0
-
ns
VCC = 4.5 V
0
-
-
0
-
0
-
ns
VCC = 6 V
0
-
-
0
-
0
-
ns
VCC = 3.0 V to 3.6 V
0
-
-
0
-
0
-
ns
th
hold time
VCC = 4.5 V to 5.5 V
0
-
-
0
-
0
-
ns
nCP; see Fig. 11
VCC = 2 V
-
31
-
20
-
18
-
MHz
VCC = 4.5 V
-
95
-
50
-
45
-
MHz
VCC = 6 V
-
105
-
72
-
65
-
MHz
VCC = 3.0 V to 3.6 V
-
81
-
37
-
30
-
MHz
fmax
maximum
frequency
VCC = 4.5 V to 5.5 V
-
100
-
50
-
45
-
MHz
nQ, nQ; see Fig. 11
[3]
VCC = 2 V
-
9
13
-
15
-
16
ns
VCC = 4.5 V
-
5
7
-
8
-
8
ns
VCC = 6 V
-
4
6
-
7
-
7
ns
VCC = 3.0 V to 3.6 V
-
5
8
-
9
-
10
ns
tt
transition
time
VCC = 4.5 V to 5.5 V
-
4
7
-
8
-
8
ns
CI
input
capacitance
-
1.5
-
-
5
-
5
pF
CPD
power
dissipation
capacitance
fi = 1 MHz; CL = 0 pF;
VI = GND to VCC;
VCC = 2.0 V to 6.0 V
[4]
-
10
-
-
-
-
-
pF
[1] Typical values are measured at nominal supply voltage.
[2] tpd is the same as tPHL and tPLH.
[3] tt is the same as tTHL and tTLH.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ(CL × VCC 2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
74HCS74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 27 June 2025
9 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com