Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1591TBU Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1591TBU
Description  ABS Plastic Multipurpose Enclosures w/ Card Guides 1591 Series Flame Retardant, General Purpose, Flanged Lid or Bottom
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1591TBU Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1591TBU Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1591TBU Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1591TBU Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8/8/2017
ABS Plastic Multipurpose Enclosures w/ Card Guides (1591 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1591
2/3
Integral card guides accept
1.5 mm (0.062”) P.C. cards.
Machine screws thread into
brass bushing to attach the
lid.
Available with wall mounting
flanges molded into the lid.
Also available with an
accessory flange attached to
the bottom.
Data subject to change without notice.
Enclosures Without Mounting Flanges
Flame Retardant ABS Enclosures
General Purpose ABS Enclosures
Beige
Black
Blue
Gray
Black
Gray
Length Width
Depth (less lid)
Clear Lid Accessory
1591MBG
1591MBK
1591MBU
1591MGY
1591MSBK
1591MSGY
3.30
2.20
0.80
1591LC
1591LBG
1591LBK
1591LBU
1591LGY
1591LSBK
1591LSGY
3.30
2.20
1.40
1591LC
1591ABG
1591ABK
1591ABU
1591AGY
1591ASBK
1591ASGY
3.90
2.00
0.80
1591AC
1591SBG
1591SBK
1591SBU
1591SGY
1591SSBK
1591SSGY
4.30
3.20
1.60
1591SC
1591BBG
1591BBK
1591BBU
1591BGY
1591BSBK
1591BSGY
4.40
2.40
1.10
1591BC
1591CBG
1591CBK
1591CBU
1591CGY
1591CSBK
1591CSGY
4.70
2.60
1.40
1591CC
1591TBG
1591TBK
1591TBU
1591TGY
1591TSBK
1591TSGY
4.70
3.20
2.20
1591TC
1591UBG
1591UBK
1591UBU
1591UGY
1591USBK
1591USGY
4.70
4.70
2.20
1591UC
1591VBG
1591VBK
1591VBU
1591VGY
1591VSBK
1591VSGY
4.70
4.70
3.50
1591VC
1591GBG
1591GBK
1591GBU
1591GGY
1591GSBK
1591GSGY
4.80
3.70
1.20
1591GC
1591DBG
1591DBK
1591DBU
1591DGY
1591DSBK
1591DSGY
5.90
3.20
1.80
1591DC
1591HBG
1591HBK
1591HBU
1591HGY
1591HSBK
1591HSGY
6.50
2.80
1.00
1591HC
1591EBG
1591EBK
1591EBU
1591EGY
1591ESBK
1591ESGY
7.50
4.30
2.20
1591EC
Enclosures With Mounting Flanges
Flame Retardant ABS,
Flanged Lid
General Purpose ABS,
Flanged Lid
Flame Retardant,
Bottom Flange
General Purpose ABS,
Bottom Flange
Black
Gray
Black
Black
Gray
Black
Gray
Length Width
Depth
(less
lid)
Clear Lid
Accessory
1591MFLBK 1591MFLGY
1591MSFLBK
1591MF2BK 1591MF2GY
1591MF2SBK
1591MF2SGY
3.30
2.20
0.80
1591LC
1591LFLBK 1591LFLGY
1591LSFLBK
1591LF2BK 1591LF2GY
1591LF2SBK
1591LF2SGY
3.30
2.20
1.40
1591LC
1591AFLBK 1591AFLGY
1591ASFLBK
1591AF2BK 1591AF2GY
1591AF2SBK
1591AF2SGY
3.90
2.00
0.80
1591AC
1591SFLBK 1591SFLGY
1591SSFLBK
1591SF2BK 1591SF2GY
1591SF2SBK
1591SF2SGY
4.30
3.20
1.60
1591SC
1591BFLBK 1591BFLGY
1591BSFLBK
1591BF2BK 1591BF2GY
1591BF2SBK
1591BF2SGY
4.40
2.40
1.10
1591BC
1591CFLBK 1591CFLGY
1591CSFLBK
1591CF2BK 1591CF2GY
1591CF2SBK
1591CF2SGY
4.70
2.60
1.40
1591CC
1591TFLBK 1591TFLGY
1591TSFLBK
1591TF2BK 1591TF2GY
1591TF2SBK
1591TF2SGY
4.70
3.20
2.20
1591TC
1591UFLBK 1591UFLGY
1591USFLBK
1591UF2BK 1591UF2GY
1591UF2SBK
1591UF2SGY
4.70
4.70
2.20
1591UC
1591VFLBK 1591VFLGY
1591VSFLBK
1591VF2BK 1591VF2GY
1591VF2SBK
1591VF2SGY
4.70
4.70
3.50
1591VC
1591GFLBK 1591GFLGY
1591GSFLBK
1591GF2BK 1591GF2GY
1591GF2SBK
1591GF2SGY
4.80
3.70
1.20
1591GC
1591DFLBK 1591DFLGY
1591DSFLBK
1591DF2BK 1591DF2GY
1591DF2SBK
1591DF2SGY
5.90
3.20
1.80
1591DC
1591HFLBK 1591HFLGY
1591HSFLBK
1591HF2BK 1591HF2GY
1591HF2SBK
1591HF2SGY
6.50
2.80
1.00
1591HC
1591EFLBK 1591EFLGY
1591ESFLBK
1591EF2BK 1591EF2GY
1591EF2SBK
1591EF2SGY
7.50
4.30
2.20
1591EC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com