Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7699BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7699BCPZ
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7699BCPZ Datasheet HTML 18Page - Analog Devices AD7699BCPZ Datasheet HTML 19Page - Analog Devices AD7699BCPZ Datasheet HTML 20Page - Analog Devices AD7699BCPZ Datasheet HTML 21Page - Analog Devices AD7699BCPZ Datasheet HTML 22Page - Analog Devices AD7699BCPZ Datasheet HTML 23Page - Analog Devices AD7699BCPZ Datasheet HTML 24Page - Analog Devices AD7699BCPZ Datasheet HTML 25Page - Analog Devices AD7699BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7699
Data Sheet
Rev. F | Page 22 of 32
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7699, with its low operating
current, can be supplied directly using the reference circuit, as
shown in Figure 36. The reference line can be driven by
The system power supply directly
A reference voltage with enough current output capability,
such as the ADR430/ADR431/ADR433/ADR434/ADR435
or ADR440/ADR441/ADR443/ADR444/ADR445
A reference buffer, such as the AD8605, which can also
filter the system power supply, as shown in Figure 36
AD8605
AD7699
VIO
REF
VDD
10µF
1µF
0.1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
0.1µF
Figure 36. Example of an Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com