Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G00GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G00GS
Description  Single 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G00GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G00GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G00GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
74LVC1G00
Single 2-input NAND gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
EIAJ
SOT1226-3
- - -
sot1226-3_po
19-11-06
19-11-07
Unit
mm
max
nom
min
0.05
A
Dimensions (mm are the original dimensions)
SOT1226-3
A1
D
0.25
0.20
0.15
0.20
0.27
0.17
0.22
0.50
0.30
0.20
0.25
0.04
0.00
0.02
A3
0.35
0.30
0.32
Dh
E
b
e
K
L
v
0.1
w
y
0.05 0.05
scale
0
1 mm
X
pin 1
index area
(6x)
pin 1
index area
D
E
A
B
e
y1
X2SON5: plastic thermal enhanced extremely thin small outline package; no leads;
5 terminals; body 0.8 x 0.8 x 0.32 mm
A
A1
A3
0.10
(Typ.)
3
5x
Seating Plane
C
y C
C
y1
b
(4x)
A
C
B
v
C
w
2
1
4
5
L
(4x)
0.85
0.75
0.80
0.85
0.75
0.80
Fig. 11. Package outline SOT1226-3 (X2SON5)
74LVC1G00
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 15 — 23 September 2024
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com