Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G08GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G08GS
Description  Single 2-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G08GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G08GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74LVC1G08
Single 2-input AND gate
Rev. 16.1 — 3 September 2024
Product data sheet
1. General description
The 74LVC1G08 is a single 2-input AND gate. Inputs can be driven from either 3.3 V or 5 V
devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
applications.
Schmitt trigger action at all inputs makes the circuit tolerant of slower input rise and fall time.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• Direct interface with TTL levels
• Overvoltage tolerant inputs to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance ≤ 250 mA
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from −40 °C to +85 °C and −40 °C to +125 °C


Similar Part No. - 74LVC1G08GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G08GS NXP-74LVC1G08GS Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G08GS NEXPERIA-74LVC1G08GS Datasheet
266Kb / 17P
Single 2-input AND gate
Rev. 14 - 24 February 2022
74LVC1G08GS NEXPERIA-74LVC1G08GS Datasheet
212Kb / 19P
Single 2-input AND gate
Rev. 11 28 November 2016
More results

Similar Description - 74LVC1G08GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
SINGLE 2-INPUT AND GATE
Jul-2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
Single 2-Input AND Gate
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT AND GATE
Apr-2004
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
Single 2-Input AND Gate
March, 2008 - Rev. 2
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
Single 2-Input AND Gate
February, 2013 ??Rev. 20
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
ON Semiconductor
NL17SH08P5T5G ONSEMI-NL17SH08P5T5G Datasheet
104Kb / 5P
Single 2-Input AND Gate
August, 2011 ??Rev. 1
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
Single 2-Input AND Gate
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com