Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G08GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G08GS
Description  Single 2-input AND gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G08GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G08GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G08GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVC1G08 provides one 2-input AND function.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
Schmitt trigger action at all inputs makes the circuit tolerant of slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance
 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 C to +85 C and 40 C to +125 C
74LVC1G08
Single 2-input AND gate
Rev. 11 — 28 November 2016
Product data sheet


Similar Part No. - 74LVC1G08GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G08GS NXP-74LVC1G08GS Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G08GS NEXPERIA-74LVC1G08GS Datasheet
266Kb / 17P
Single 2-input AND gate
Rev. 14 - 24 February 2022
74LVC1G08GS NEXPERIA-74LVC1G08GS Datasheet
282Kb / 17P
Single 2-input AND gate
Rev. 16.1 3 September 2024
More results

Similar Description - 74LVC1G08GS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
SINGLE 2-INPUT AND GATE
Jul-2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
Single 2-Input AND Gate
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT AND GATE
Apr-2004
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
Single 2-Input AND Gate
March, 2008 - Rev. 2
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
Single 2-Input AND Gate
February, 2013 ??Rev. 20
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
ON Semiconductor
NL17SH08P5T5G ONSEMI-NL17SH08P5T5G Datasheet
104Kb / 5P
Single 2-Input AND Gate
August, 2011 ??Rev. 1
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
Single 2-Input AND Gate
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com