Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G126GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G126GS
Description  Bus buffer/line driver; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G126GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G126GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G126GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Nexperia
74LVC1G126
Bus buffer/line driver; 3-state
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 6.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
A to Y; see Fig. 4
[2]
VCC = 1.65 V to 1.95 V
1.0
3
8.0
1.0
10.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.1
5.5
0.5
7
ns
VCC = 2.7 V
0.5
2.3
5.5
0.5
7
ns
VCC = 3.0 V to 3.6 V
0.5
2.0
4.5
0.5
6
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
0.5
1.7
4.0
0.5
5.5
ns
OE to Y; see Fig. 5
[3]
VCC = 1.65 V to 1.95 V
1.0
3.2
9.4
1.0
12
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
6.6
0.5
8.5
ns
VCC = 2.7 V
0.5
2.4
6.6
0.5
8.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
5.3
0.5
7
ns
ten
enable time
VCC = 4.5 V to 5.5 V
0.5
1.6
5.0
0.5
6.5
ns
OE to Y; see Fig. 5
[4]
VCC = 1.65 V to 1.95 V
1.0
4.3
9.2
1.0
12
ns
VCC = 2.3 V to 2.7 V
0.5
2.7
5.5
0.5
7
ns
VCC = 2.7 V
0.5
3.4
5.5
0.5
7
ns
VCC = 3.0 V to 3.6 V
0.5
3.0
5.5
0.5
7
ns
tdis
disable time
VCC = 4.5 V to 5.5 V
0.5
2.2
4.2
0.5
5.5
ns
per buffer; VI = GND to VCC
[5]
output enabled
-
25
-
-
-
pF
CPD
power dissipation
capacitance
output disabled
-
6
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] ten is the same as tPZH and tPZL.
[4] tdis is the same as tPLZ and tPHZ.
[5] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC 2 × fo) = sum of outputs.
74LVC1G126
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 18.1 — 3 September 2024
7 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com