Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53GD Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53GD
Description  2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53GD Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53GD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC1G53GD Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2016
14 of 27
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
11.3 Test circuits
iso
isolation (OFF-state)
RL =50 ; CL =5pF; fi =10MHz;
see Figure 21
VCC =1.65V
-
42
-
dB
VCC =2.3 V
-
42
-
dB
VCC =3.0 V
-
40
-
dB
VCC =4.5 V
-
40
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 ;
fi = 1 MHz; RL =1 M; see Figure 22
VCC = 1.8 V
-
3.3
-
pC
VCC = 2.5 V
-
4.1
-
pC
VCC = 3.3 V
-
5.0
-
pC
VCC = 4.5 V
-
6.4
-
pC
VCC = 5.5 V
-
7.5
-
pC
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 19. Test circuit for measuring total harmonic distortion
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads 3dB.
Fig 20. Test circuit for measuring the frequency response when switch is in ON-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com