Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G74GD Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G74GD
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74GD Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G74GD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 13 — 5 December 2016
5 of 25
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
[1]
H = HIGH voltage level;
L = LOW voltage level;
 = LOW-to-HIGH CP transition;
Qn+1 = state after the next LOW-to-HIGH CP transition.
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT833-1, SOT1089,
SOT996-2, SOT1116 and SOT1203
SOT902-2
CP
1
7
clock input (LOW-to-HIGH, edge-triggered)
D
2
6
data input
Q
3
5
complement output
GND
4
4
ground (0 V)
Q
5
3
true output
RD
6
2
asynchronous reset-direct input (active LOW)
SD
7
1
asynchronous set-direct input (active LOW)
VCC
8
8
supply voltage
Table 4.
Function table for asynchronous operation[1]
Input
Output
SD
RD
CP
D
Q
Q
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H
Table 5.
Function table for synchronous operation[1]
Input
Output
SD
RD
CP
D
Qn+1
Qn+1
HH
LLH
HH
HHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com