Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G04GV Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G04GV
Description  Dual inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GV Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC2G04GV Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC2G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 10 September 2014
5 of 17
NXP Semiconductors
74LVC2G04
Dual inverter
10. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 C.
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level input
voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC =1.65Vto 5.5V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = 8mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
-
-
0.10
-
0.10
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.70
V
IO =8mA; VCC = 2.3 V
-
-
0.30
-
0.45
V
IO =12mA; VCC = 2.7 V
-
-
0.40
-
0.60
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.80
V
IO =32mA; VCC = 4.5 V
-
-
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
0.1
5-
20
A
IOFF
power-off
leakage current
VCC = 0 V; VI or VO =5.5 V
-
0.1
10
-
20
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-0.1
10
-
40
A
I
CC
additional
supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO =0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC =3.3 V; VI = GND to VCC
-2.5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com