Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G66DC Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DC Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 April 2013
12 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Fig 19. Test circuit for measuring switching times
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
GND
2
 V
CC
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
GND
2
 V
CC
2.7 V
2.7 V
 2.5ns
50pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
 2.5ns
50pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open
GND
2
 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com