Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC2G66DP Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DP
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DP Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 15 December 2016
14 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
Vct
crosstalk voltage
between digital inputs and switch; RL =600 ;
CL =50pF; fi = 1 MHz; tr =tf = 2 ns; see Figure 23
VCC =1.65V
-
-
-
mV
VCC =2.3 V
-
91
-
mV
VCC =3.0 V
-
119
-
mV
VCC = 4.5 V
-
205
-
mV
Xtalk
crosstalk
between switches; RL =600 ; CL =50pF;
fi = 1 MHz; see Figure 24
VCC =1.65V
-
-
-
dB
VCC =2.3 V
-
56
-
dB
VCC =3V
-
56
-
dB
VCC =4.5 V
-
56
-
dB
between switches; RL =50 ; CL =5pF;
fi = 1 MHz; see Figure 24
VCC =1.65V
-
-
-
dB
VCC =2.3 V
-
29
-
dB
VCC =3V
-
28
-
dB
VCC =4.5 V
-
28
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0 V; Rgen =0 ; fi = 1 MHz;
RL =1M; see Figure 25
VCC =1.8 V
-
3.3
-
pC
VCC =2.5 V
-
4.1
-
pC
VCC =3.3 V
-
5.0
-
pC
VCC =4.5 V
-
6.4
-
pC
VCC =5.5 V
-
7.5
-
pC
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com