Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2RR Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # C2RR
Description  Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

C2RR Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  C2RR Datasheet HTML 1Page - Hammond Manufacturing Ltd. C2RR Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shelves
Rack Mount Locking Storage Drawer
Vertical Cabinet Cable Manager with
Door
Vertical Cable Tray
Cable Lacing Bar
Horizontal Lacing Strip
Horizontal Hinged Cable Manager
Horizontal Ring Cable Manager
Cable Management Arm
Outlet Strips
Mounting Hardware
Grounding
Rack Panels
Caster Set
Medium Caster Set
Data subject to change without notice.
C2RR Rapid Rack
Part No.
Part No.
Overall Dimensions
Rack
Usable Mounting Dimensions
Black
RAL 7035 Light Gray
Height
Width
Depth
Units
Height
Width
Depth
C2RR194223BK1
C2RR194223LG1
50.16
23.00
23.62
24U
42.06
19.00
21.63
C2RR194231BK1
C2RR194231LG1
50.16
23.00
31.50
24U
42.06
19.00
29.50
C2RR196323BK1
C2RR196323LG1
71.16
23.00
23.63
36U
63.06
19.00
21.63
C2RR196331BK1
C2RR196331LG1
71.16
23.00
31.50
36U
63.06
19.00
29.50
C2RR197023BK1
C2RR197023LG1
78.16
23.00
23.62
40U
70.06
19.00
21.63
C2RR197031BK1
C2RR197031LG1
78.16
23.00
31.50
40U
70.06
19.00
29.50
C2RR197823BK1
C2RR197823LG1
86.91
23.00
23.62
45U
78.81
19.00
21.63
C2RR197831BK1
C2RR197831LG1
86.91
23.00
31.50
45U
78.81
19.00
29.50
Overall height includes leveling feet.
C2RR "D" Series LAN/Data Rapid Rack
Part No.
Part No.
Overall Dimensions
Rack
Usable Mounting Dimensions
Black
RAL 7035 Light Gray
Height
Width
Depth
Units
Height
Width
Depth
C2RR197023DBK1
C2RR197023DLG1
77.31
23.00
23.63
40U
70.06
19.00
21.63
C2RR197031DBK1
C2RR197031DLG1
77.31
23.00
31.50
40U
70.06
19.00
29.50
C2RR247023DBK1
-
77.31
28.00
23.63
40U
70.06
24.00
21.63
C2RR247031DBK1
-
77.31
28.00
31.50
40U
70.06
24.00
29.50
C2RR197823DBK1
C2RR197823DLG1
86.06
23.00
23.63
45U
78.81
19.00
21.63
C2RR197831DBK1
C2RR197831DLG1
86.06
23.00
31.50
45U
78.81
19.00
29.50
C2RR247823DBK1
-
86.06
28.00
23.63
45U
78.81
24.00
21.63
C2RR247831DBK1
-
86.06
28.00
31.50
45U
78.81
24.00
29.50
Overall height includes leveling feet.
Tags: Contempra II, Test Rack, Equipment Rack, Automotive Rack, Terminal Rack, Electronics
Rack, Instrument Cabinet, System Rack, Audio Rack, Radio Rack
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com