Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1599EBKBAT Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1599EBKBAT
Description  Hand Held (1599 Series)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1599EBKBAT Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1599EBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
www
.hamm
ondmfg.com
36
©
Hand Held (1599 Series)
OTHER KEY FEATURES
• Attractively styled and ergonomically designed for use as a “hand-held” instrument enclosure.
• Lap joint construction provides protection against access of dust and splashing water.
• Extra deep top and ultra shallow base are specifically designed to enhance the aesthetics of the enclosure and
provide the user with flexibility and assembly efficiency.
• Designed to meet IP54.
• Flame retardant ABS plastic carries a UL flammability rating of 94 V-O.
• Accessory screws for mounting P.C. boards into standoffs P/N 1593ATS50 (qty. 50), P/N 1593ATS100 (qty. 100).
• Two keyhole knockouts are molded into the inside of the base to facilitate wall mount installation.
Flame retardant ABS version includes
wear resistant brass bushings...
Flame retardant ABS version
includes four machine screws
(polystyrene are self-tapping)...
Recessed top panel for
membrane display or pad...
P.C. card standoffs and vertical
card guides molded in...
Long life battery door option with our
“three snap” location door...
Fire Retardant ABS Plastic
High Impact Polystyrene
r
e
b
m
u
N
t
r
a
P
e
z
i
S
e
e
S
t
r
a
h
C
r
o
l
o
C
y
r
e
t
t
a
B
r
o
o
D
t
l
e
B
p
il
C
d
e
d
l
e
i
h
S
K
B
B
9
9
5
1
B
9
9
5
1k
c
a
l
B-
-
-
Y
G
B
9
9
5
1
B
9
9
5
1y
e
r
G-
-
-
K
B
B
R
9
9
5
1
B
9
9
5
1k
c
a
l
B-
-
s
e
Y
T
A
B
K
B
B
9
9
5
1
B
9
9
5
1k
c
a
l
Bs
e
Y-
-
T
A
B
Y
G
B
9
9
5
1
B
9
9
5
1y
e
r
Gs
e
Y-
-
P
C
K
B
B
9
9
5
1
B
9
9
5
1k
c
a
l
B-
s
e
Y-
P
C
Y
G
B
9
9
5
1
B
9
9
5
1y
e
r
G-
s
e
Y-
P
C
T
A
B
K
B
B
9
9
5
1
B
9
9
5
1k
c
a
l
Bs
e
Ys
e
Y-
P
C
T
A
B
Y
G
B
9
9
5
1
B
9
9
5
1y
e
r
Gs
e
Ys
e
Y-
K
B
E
9
9
5
1
E
9
9
5
1k
c
a
l
B-
-
-
Y
G
E
9
9
5
1
E
9
9
5
1y
e
r
G-
-
-
K
B
E
R
9
9
5
1
E
9
9
5
1k
c
a
l
B-
-
s
e
Y
T
A
B
K
B
E
9
9
5
1
E
9
9
5
1k
c
a
l
Bs
e
Y-
-
T
A
B
Y
G
E
9
9
5
1
E
9
9
5
1y
e
r
Gs
e
Y-
-
K
B
H
9
9
5
1
H
9
9
5
1k
c
a
l
B-
-
-
Y
G
H
9
9
5
1
H
9
9
5
1y
e
r
G-
-
-
K
B
H
R
9
9
5
1
H
9
9
5
1k
c
a
l
B-
-
s
e
Y
T
A
B
K
B
H
9
9
5
1
H
9
9
5
1k
c
a
l
Bs
e
Y-
-
T
A
B
Y
G
H
9
9
5
1
H
9
9
5
1y
e
r
Gs
e
Y-
-
K
B
K
9
9
5
1
K
9
9
5
1k
c
a
l
B-
-
-
Y
G
K
9
9
5
1
K
9
9
5
1y
e
r
G-
-
-
T
A
B
K
B
K
9
9
5
1
K
9
9
5
1k
c
a
l
Bs
e
Y-
-
T
A
B
Y
G
K
9
9
5
1
K
9
9
5
1y
e
r
Gs
e
Y-
-
r
e
b
m
u
N
t
r
a
P
e
z
i
S
e
e
S
t
r
a
h
C
r
o
l
o
C
y
r
e
t
t
a
B
r
o
o
D
Y
G
S
B
9
9
5
1
B
9
9
5
1y
e
r
G-
T
A
B
Y
G
S
B
9
9
5
1
B
9
9
5
1y
e
r
Gs
e
Y
Y
G
S
E
9
9
5
1
E
9
9
5
1y
e
r
G-
T
A
B
Y
G
S
E
9
9
5
1
E
9
9
5
1y
e
r
Gs
e
Y
Y
G
S
H
9
9
5
1
H
9
9
5
1y
e
r
G-
T
A
B
Y
G
S
H
9
9
5
1
H
9
9
5
1y
e
r
Gs
e
Y
Y
G
S
K
9
9
5
1
K
9
9
5
1y
e
r
G-
T
A
B
Y
G
S
K
9
9
5
1
K
9
9
5
1y
e
r
Gs
e
Y
Battery Holder Kits
• Kits include all the
parts required to
install the batteries
• Kit includes the
battery holder, wires,
divider and foam
anti-rattle pad.
r
e
b
m
u
N
t
r
a
P
r
e
d
l
o
h
y
r
e
t
t
a
B
:
r
o
f
t
i
k
T
I
K
W
A
A
1
H
B
ll
e
C
A
A
1
T
I
K
W
A
A
2
H
B
s
ll
e
C
A
A
2
T
I
K
W
A
A
A
1
H
B
ll
e
C
A
A
A
1
T
I
K
W
A
A
A
2
H
B
s
ll
e
C
A
A
A
2
T
I
K
W
A
A
A
3
H
B
s
ll
e
C
A
A
A
3
T
I
K
W
A
A
A
4
H
B
s
ll
e
C
A
A
A
4
T
I
K
1
6
S
B
ll
e
C
V
9
-
1


Similar Part No. - 1599EBKBAT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBKBAT HAMMOND-1599EBKBAT Datasheet
362Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Flame retardant ABS carries UL flammability rating of 94 V-0
1599EBKBAT HAMMOND-1599EBKBAT Datasheet
285Kb / 3P
Hand Held Enclosures 1599 Series Flame Retardant ABS w/ PCB Standoffs, Battery Compartments
5/2/2020
More results

Similar Description - 1599EBKBAT

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com