Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDF1963SLG1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # CDF1963SLG1
Description  Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CDF1963SLG1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  CDF1963SLG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CDF1963SLG1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CDF1963SLG1 Datasheet HTML 3Page - Hammond Manufacturing Ltd. CDF1963SLG1 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Modular Equipment Storage Rack Cabinet C2 Series
1,500 lbs Weight Capacity
Features
Constructed in:
14-gauge steel (body)
16-gauge steel (doors and side panels)
10-gauge steel (tapped mounting rails)
12-gauge steel (square hole mounting rails)
Optional EIA-310-D compliant 10-32 tapped or square hole punched rails
with permanent rack unit labels.
Optional tops panel include
Solid
Vented
Fan cutous
Pre-installed fan(s) capable of up to 550 CFM
Specifications
Infinite-depth setting using C-channel struts.
Zinc-plated mounting rails provide superior surface areas for equipment
grounding.
Four (4) leveling feet are included with support for optional casters.
Grounding studs provided on frame as well as side panels and doors.
Finished in textured black powder paint. Additional colours available upon
request.
Tested to nearly double the suggested load rating of 1,500 lbs (680 kg).
RoHS Compliant.
Manufactured in North America.
Short on time? Click here to see our Pre-
Assembled C2RR Cabinet Series
Gallery
Quality Products. Service Excellence.


Similar Part No. - CDF1963SLG1

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
FM Ceramic Discriminator
CDF107F-AE-022 TOKO-CDF107F-AE-022 Datasheet
74Kb / 1P
FM CERAMIC DISCRIMINATOR
More results

Similar Description - CDF1963SLG1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CD-1525 PANDUIT-CD-1525 Datasheet
270Kb / 1P
TOOL WEIGHT: 1.70 lbs./ 0.77 Kg
logo
NEC
R120D-2ES NEC-R120D-2ES Datasheet
928Kb / 2P
The high-capacity rack server NEC Express5800/R120d-2E(Storage-Rich)
logo
Bud Industries, Inc.
ER-16602 BUD-ER-16602 Datasheet
129Kb / 1P
ECONOMIZER CABINET RACK
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
ECONOMIZER CABINET RACK
DC-8010 BUD-DC-8010 Datasheet
105Kb / 1P
EQUPMENT CABINET RACK
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com