Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEEL22CV10API-25L Datasheet(PDF) 8 Page - Anachip Corp

Part # PEEL22CV10API-25L
Description  CMOS Programmable Electrically Erasable Logic Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10API-25L Datasheet(HTML) 8 Page - Anachip Corp

Back Button PEEL22CV10API-25L Datasheet HTML 2Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 3Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 4Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 5Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 6Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 7Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 8Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 9Page - Anachip Corp PEEL22CV10API-25L Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
8/10
Table 9. A.C. Electrical Characteristics
Over the Operating Range8,11
-1/I-7
-10/I-10
-15/I-15
-25/I-25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPD
Input
5 to non-registered output
7.5
10
15
25
ns
tOE
Input
5 to output enable6
7.5
10
15
25
ns
tOD
Input
5 to output disable6
7.5
10
15
25
ns
tCO1
Clock to Output
5.5
6
8
15
ns
tCO2
Clock to comb. output delay via
internal registered feedback
10
12
17
35
ns
tCF
Clock to Feedback
3.5
4
5
9
ns
tSC
Input
5 or Feedback Setup to Clock
3
5
8
15
ns
tHC
Input
5 Hold After Clock
0
0
0
0
ns
tCL, tCH
Clock Low Time, Click High Time
8
3
4
6
13
ns
tCP
Min Clock Period Ext(tSC+tCO1)
8.5
11
18
30
ns
fMAX1
Internal Feedback (1tSC+tCF)
12
142
111
76.9
41.6
MHz
fMAX2
External Feedback (1/tCP)
12
117
909
62.5
33.3
MHz
fMAX3
No Feedback (1/tCL+tCH)
12
166
125
83.3
38.4
MHz
tAW
Asynchronous Reset Pulse Width
7.5
10
15
25
ns
tAP
Input
5 to Asynchronous Reset
7.5
10
15
25
ns
tAR
Asynch. Reset recovery time
7.5
10
15
25
ns
tRESET
Power-on Reset Time for registers
in Clear State
5
5
5
5
ns
Switching Waveforms
Inputs, I/O,
Registered Feedback,
Synchronous Preset
Clock
Notes
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs
8. Test conditions assume: signal transition times of 3ns or less from the
1. Minimum DC input is -0.5V, however inputs may undershoot to -2.0V for
periods less than 20ns.
2. VI and VO are not specified for program/verify operation.
3. Test points for Clock and VCC in tR, tF are referenced at 10% and 90%
levels.
4. I/O pins are 0V and 3V.
5. “Input” refers to an Input pin signal.
6. tOE is measured from input transition to VREF ± 0.1V, tOD is measured from
input transition to VOH -0.1V or VOL +0.1V; VREF =VL see test loads in
Section 5 of the Data Book.
7. Capacitances are tested on a sample basis.
10% and 90% points, timing reference levels of 1.5V (unless otherwise
specified).
9. Test one output at a time for a duration of less than 1sec.
10. ICC for a typical application: This parameter is tested with the device
programmed as an 8-bit Counter.
11. PEEL™ Device test loads are specified in Section 6 of this Data Book.
12. Parameters are not 100% tested. Specifications are based on initial
characterization and are tested after any design or process modifica-
tion which may affect operational frequency.
13. Available only for 22CV10A -15/I-15/-25/I-25 grades.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com