Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMAJ50A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMAJ50A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ50A Datasheet(HTML) 2 Page - STMicroelectronics

  SMAJ50A Datasheet HTML 1Page - STMicroelectronics SMAJ50A Datasheet HTML 2Page - STMicroelectronics SMAJ50A Datasheet HTML 3Page - STMicroelectronics SMAJ50A Datasheet HTML 4Page - STMicroelectronics SMAJ50A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Types
IRM @ VRM
VBR @ IR
VCL @ IPP
VCL @ IPP
αTC
max
min
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Mark.
Bidirectional
Mark.
µAV
V
mA
V
A
V
A
10
-4/
°CpF
SMAJ5.0A-TR
AE
SMAJ5.0CA-TR
AA
800
5.0
6.4
10
9.2
43.5
13.4
174
5.7
3500
SMAJ6.0A-TR
DUB SMAJ6.0CA-TR
DBB
800
6.0
6.7
10
10.3
38.8
13.7
170
5.9
3300
SMAJ6.5A-TR
DUC SMAJ6.5CA-TR
DBC
500
6.5
7.2
10
11.2
35.7
14.5
160
6.1
3100
SMAJ8.5A-TR
DUH SMAJ8.5CA-TR
DBH
10
8.5
9.44
1
14.4
27.7
18.6
124
7.3
2000
SMAJ10A-TR
AX
SMAJ10CA-TR
AC
5
10
11.1
1
17
23.5
21.7
106
7.8
1550
SMAJ12A-TR
DUK SMAJ12CA-TR
DBK
5
12
13.3
1
19.9
20.1
25.3
91
8.3
1325
SMAJ13A-TR
BG
SMAJ13CA-TR
BH
1
13
14.4
1
21.5
18.6
27.2
85
8.4
1200
SMAJ15A-TR
BM
SMAJ15CA-TR
AJ
1
15
16.7
1
24.4
16.4
32.5
71
8.8
975
SMAJ18A-TR
DUQ SMAJ18CA-TR
DBQ
1
18
20
1
29.2
13.7
39.3
59
9.2
800
SMAJ20A-TR
DUR SMAJ20CA-TR
DBR
1
20
22.2
1
32.4
12.3
42.8
54
9.4
725
SMAJ22A-TR
DUS SMAJ22CA-TR
DBS
1
22
24.4
1
35.5
11.2
48.3
48
9.6
625
SMAJ24A-TR
DUT SMAJ24CA-TR
DBT
1
24
26.7
1
38.9
10.3
50
46
9.6
600
SMAJ26A-TR
DUU SMAJ26CA-TR
DBU
1
26
28.9
1
42.1
9.5
53.5
43
9.7
575
SMAJ28A-TR
CG
SMAJ28CA-TR
CH
1
28
31.1
1
45.4
8.8
59
39
9.8
510
SMAJ30A-TR
CK
SMAJ30CA-TR
CL
1
30
33.3
1
48.4
8.3
64.3
36
9.9
480
SMAJ33A-TR
CM
SMAJ33CA-TR
CN
1
33
36.7
1
53.3
7.5
69.7
33
10.0
450
SMAJ40A-TR
DUZ SMAJ40CA-TR
DBZ
1
40
44.4
1
64.5
6.2
84
27
10.1
370
SMAJ43A-TR
EUA SMAJ43CA-TR
EBA
1
43
47.8
1
69.4
5.7
91
25
10.2
350
SMAJ48A-TR
CX
SMAJ48CA-TR
CY
1
48
53.3
1
77.4
5.2
100
23
10.3
320
SMAJ58A-TR
EUF SMAJ58CA-TR
EBF
1
58
64.4
1
93.6
4.3
121
19
10.4
270
SMAJ70A-TR
EUI SMAJ70CA-TR
EBI
1
70
77.8
1
113
3.5
146
16
10.5
230
SMAJ85A-TR
EUL SMAJ85CA-TR
EBL
1
85
94.4
1
137
2.9
178
13
10.6
200
SMAJ100A-TR
EUN SMAJ100CA-TR
EBN
1
100
111
1
162
2.5
212
11
10.7
170
SMAJ130A-TR
EUQ SMAJ130CA-TR
EBQ
1
130
144
1
209
1.9
265
9
10.8
145
SMAJ154A-TR
EUT SMAJ154CA-TR
EBT
1
154
171
1
246
1.6
317
7
10.8
125
SMAJ170A-TR
SR
SMAJ170CA-TR
SS
1
170
189
1
275
1.4
353
6.5
10.8
120
SMAJ188A-TR
EUV SMAJ188CA-TR
EBV
1
188
209
1
328
1.4
388
6
10.8
110
Note 2 :Pulse test : tp < 50 ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C).
Note 4 :VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100
SMAJxxxA-TR, CA-TR
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com