Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82464D6 Datasheet(PDF) 4 Page - EPCOS

Part # B82464D6
Description  SMT power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464D6 Datasheet(HTML) 4 Page - EPCOS

  B82464D6 Datasheet HTML 1Page - EPCOS B82464D6 Datasheet HTML 2Page - EPCOS B82464D6 Datasheet HTML 3Page - EPCOS B82464D6 Datasheet HTML 4Page - EPCOS B82464D6 Datasheet HTML 5Page - EPCOS B82464D6 Datasheet HTML 6Page - EPCOS B82464D6 Datasheet HTML 7Page - EPCOS B82464D6 Datasheet HTML 8Page - EPCOS B82464D6 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
07/21
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance L1, L2
Measured with LCR meter Agilent 4284A
at frequency fL, 0.1 V, +20 °C
Leakage or stray inductance LS
Test L1-3 (shorten 2 + 4)
Measured with LCR meter Agilent 4284A
at 100 kHz, 0.1 V, +20 °C
Coupling factor Ktyp
Coupling test in between the 2 windings. Typical values:
Operating temperature range
–55 °C … +150 °C
Rated current IR
Max. permissible DC with temperature increase of
 40 K
(method to IEC 62024-2)
Saturation current Isat
Max. permissible DC with inductance decrease
L/L0 of 10% and 30% per winding, typical values
DC resistance R1,max, R2,max,
R1,typ, R2,typ
Measured at +20 °C
Isolation (functional)
Tested with 500 V, 0.4 s at 100%, 3 s during qualification
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7:
+(245 ±5) °C, (3 ±0.3) s
Wetting of soldering area
 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
as referenced in JEDEC J-STD 020D
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C,
 75% RH
Weight
Approx. 2.5 g
B82464D6
SMT power inductors
Size 10.4 x 10.4 x 6.3 (mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com