Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADUCM350 Datasheet(PDF) 30 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 26Page - Analog Devices ADUCM350 Datasheet HTML 27Page - Analog Devices ADUCM350 Datasheet HTML 28Page - Analog Devices ADUCM350 Datasheet HTML 29Page - Analog Devices ADUCM350 Datasheet HTML 30Page - Analog Devices ADUCM350 Datasheet HTML 31Page - Analog Devices ADUCM350 Datasheet HTML 32Page - Analog Devices ADUCM350 Datasheet HTML 33Page - Analog Devices ADUCM350 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 29 of 40
Figure 34. CapTouch SNR
Figure 35. GPIO VOL vs. IOL
Figure 36. GPIO VOH vs. IOH
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
20
0
10
20
30
40
50
60
70
80
FREQUENCY (kHz)
1kHz TONE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
IOL (A)
GPIO P1.1 HIGH DRIVE
GPIO P1.1 LOW DRIVE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
IOH (A)
GPIO P1.1 HIGH DRIVE
GPIO P1.1 LOW DRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com