Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADUCM350BBCZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM350BBCZ-RL
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350BBCZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM350BBCZ-RL Datasheet HTML 2Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 3Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 4Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 5Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 6Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 7Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 8Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 9Page - Analog Devices ADUCM350BBCZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 5 of 40
DAC/RCF/PGA Specifications
Table 3. DAC/PGA/RCF Specifications
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DAC
Output Range
−600
+600
mV
As seen by sensor
Resolution
12
Bits
Integral Nonlinearity (INL)
±0.85
LSB
Measured at an output of the excitation
loop, using gain = 1 and default DAC clock
(16 MHz ÷ 49 DAC clock speed)
Differential Nonlinearity (DNL)
−1
+1
LSB
Measured at an output of the excitation
loop, using gain = 1 and default DAC clock
(16 MHz ÷ 49 DAC clock speed)
Full-Scale Error
Positive
±0.2
% FSR
PGA (gain = 1), measured at an output of
the excitation loop, DAC code = 0xE00
±1
% FSR
PGA (gain = 0.025), measured at an output
of the excitation loop, DAC code = 0xE00
Negative
±0.2
% FSR
PGA (gain = 1), measured at an output of
the excitation loop, DAC code = 0x200
±1
% FSR
PGA (gain = 0.025), measured at an output
of the excitation loop, DAC code = 0x200
Offset Error, Midscale
±1
mV
PGA (gain = 1 or gain = 0.025), measured
at an output of the excitation loop across
RCAL
Clocking Frequency
280.7
320
380.95
kHz
PROGRAMMABLE GAIN AMPLIFIER (PGA)
Gain from PGA in State 0
1
Covered by DAC full-scale error measured
on an output of the excitation loop
Gain from PGA in State 1
0.025
Covered by DAC full-scale error measured
on an output of the excitation loop
RECONSTRUCTION FILTER (RCF)
3 dB Corner Frequency
50
kHz
1
There may be some system offsets and gain errors that can be calibrated at the system level to improve dc accuracy. Hence, the voltage swing at the output
of the DAC is ±800 mV to guarantee ±600 mV swing on the sensor.
SWITCH MATRIX SPECIFICATIONS
Table 4. Switch Matrix Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RON1
Current Carrying Switches
Dx, DR1, Tx, and TR2
40
50
Ω
IVS
40
75
Ω
Noncurrent Carrying Switches
Px, Nx, and NR2
600
900
Ω
PR1
600
950
Ω
NL
260
350
Ω
PL
210
260
Ω
DC OFF LEAKAGE2
T and N Switches
370
pA
Sum value of four T switches and four N
switches
P Switches
340
pA
Sum value of four P switches
D Switches
350
pA
Sum value of four D switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com