Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6910 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6910
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6910 Datasheet(HTML) 4 Page - Analog Devices

  LTC6910 Datasheet HTML 1Page - Analog Devices LTC6910 Datasheet HTML 2Page - Analog Devices LTC6910 Datasheet HTML 3Page - Analog Devices LTC6910 Datasheet HTML 4Page - Analog Devices LTC6910 Datasheet HTML 5Page - Analog Devices LTC6910 Datasheet HTML 6Page - Analog Devices LTC6910 Datasheet HTML 7Page - Analog Devices LTC6910 Datasheet HTML 8Page - Analog Devices LTC6910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 4 of 10
Figure 2. IEPE Sensor Interface
IEPE Excitation and Control
IEPE sensors require power in the form of a constant current
source to operate properly. Aside from the constant current ranging
from 2 mA to 20 mA, the source must have a compliance of 24 V
to 30 V, which is at least twice the typical IEPE bias voltage of 8
V to 12 V. Figure 3 shows the IEPE high voltage, constant current
source topology based on the LT3092.
Figure 3. IEPE Current Source
Using the formula shown in Equation 1, the constant current source
for the CN0582 is set to 4 mA.
IOUT=10μA × RSET
ROUT
=10μA × 120kΩ
300Ω
=4mA (1)
where:
IOUT is the constant current output.
ROUT is the current output set resistance.
RSET is the current input set resistance.
The current source can be enabled or disabled by an ADG5401, a
high voltage, low resistance switch.
Commands sent from the software to the board toggle the corre-
sponding channel to the desired state.
Powering the ADG5401 from the same 26 V supply as the current
sources ensures that the input voltage remains within limits, while
the 6.5 Ω on-resistance is small enough to have an effect on the
signal level.
When the current source is disabled, the input for each channel
acts as a typical high impedance voltage input analog-to-digital
converter (ADC) measurement. Channel 3 features an on-board
load resistor that allows the user to connect and measure the data
from a 4 mA to 20 mA sensor, whose value can be computed using
Equation 2:
VSENSOR=RLOAD×ISENSOR
(2)
where:
VSENSOR is the converted sensor voltage.
RLOAD is the load resistor (249 Ω).
ISENSOR is the sensor output current.
Input Protection
To avoid overdriving any part of the input circuitry, transient voltage
suppressor (TVS) diodes are added at the input connector. These
diodes ensure that the input can withstand voltages up to 40
V, protecting the sensitive analog input circuitry from dangerous
voltage levels.
AC/DC Coupling
Depending on the sensor, either ac-coupling or dc-coupling may
be more appropriate. DC-coupling is applicable for sensors with
a response that extends to zero Hz, and that have a small, or
well-specified offset voltage. AC-coupling is more appropriate for
sensors that inherently have a highpass response, and may have a
large dc offset that varies over operating conditions.
Figure 4 shows the ac- and dc-coupled paths, controlled by an
ADG5436 high voltage, latch-up proof, dual SPDT switch.
Figure 4. AC or DC-Coupling Path Based on ADG5436
The switch is powered from a bipolar -5 V or 26 V supply, which
accommodates typical IEPE sensor outputs, as well as voltage
output sensors with 0 V to 5 V, ±5 V, and 0 V to 10 V ranges. The
ac-coupling path is composed of a high pass filter, whose cutoff
frequency can be calculated using Equation 3:
fc= 1
2π×499kΩ×22μF
=0.014Hz
(3)
where:
fc is the high pass cutoff frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com