Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

245-4351 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 245-4351
Description  IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

245-4351 Datasheet(HTML) 1 Page - Labfacility Ltd

  245-4351 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
^ƉĞĐŝĮ ĐĂƟŽŶƐ
Sensor type:
Type ‘K’ with Nickel Chromium/Nickel Aluminium
conductors
ŽŶƐƚƌƵĐƟŽŶ͗
Flexible mineral insulated probe, Inconel® Alloy 600 sheath &
ŵŝŶŝĂƚƵƌĞƉůƵŐƚĞƌŵŝŶĂƟŽŶ
^ŚĞĂƚŚĐŽŵƉŽƐŝƟŽŶ͗
Inconel® Alloy 600 sheath
ůĞŵĞŶƚͬ ŚŽƚũƵŶĐƟŽŶ͗
^ŝŶŐůĞĞůĞŵĞŶƚ͕ ũƵŶĐƟŽŶŝŶƐƵůĂƚĞĚĨƌŽŵƐŚĞĂƚŚŝŶŽƌĚĞƌƚŽ
prevent electrical noise & interference
dĞƌŵŝŶĂƟŽŶ͗
Miniature flat pin plug, colour coded ‘Green’ in
accordance IEC
Reference Tables/Tolerance:
In accordance with IEC
Probe temperature range:
-40°C to +1100°C >1.0mm diameter
-40°C to +750°C – 1.0mm diameter and below
 Mineral insulated Type ‘K’ Thermocouple
 Inconel® Alloy 600 sheath
 Highly flexible, sheath can be bent/formed to suit
ŵĂŶLJĂƉƉůŝĐĂƟŽŶƐĂŶĚƉƌŽĐĞƐƐĞƐ
 diameters include 1.0, 1.5 & 2.0mm
 /ŶƐƵůĂƚĞĚŚŽƚũƵŶĐƟŽŶ
 D ŝŶŝĂƚƵƌĞƉůƵŐƚĞƌŵŝŶĂƟŽŶ;ϮϬϬΣͿ
 ŽŶĨŽƌŵƐƚŽ/ƐƉĞĐŝĮ ĐĂƟŽŶ
IEC, Inconel Sheath, Mineral Insulated
Thermocouple with Miniature Plug
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
133/1014 IEC, Inconel Sheath, Mineral Insulated Thermocouple with Miniature Plug
T/C Type
Probe
Probe
Manufacturing
Farnell
Dia. (mm)
Length (mm)
Part No.
code
K
1.0
250
MB-ISK-I10-250-MP
245-4359
K
1.0
600
MB-ISK-I10-600-MP
245-4354
K
1.0
1000
MB-ISK-I10-1000-MP
245-4355
K
1.0
2000
MB-ISK-I10-2000-MP
245-4356
K
1.5
500
MB-ISK-I15-500-MP
245-4351
K
1.5
3000
MB-ISK-I15-3000-MP
245-4357
K
2.0
1000
MB-ISK-I20-1000-MP
245-4358


Similar Part No. - 245-4351

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
245-4350 LABFACILITY-245-4350 Datasheet
431Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Standard Plug
245-4353 LABFACILITY-245-4353 Datasheet
431Kb / 1P
IEC, Inconel Sheath, Mineral Insulated Thermocouple with Standard Plug
More results

Similar Description - 245-4351

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
6721 POMONA-6721 Datasheet
131Kb / 3P
Multi-Stacking Sheath Banana Plug
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
6729 POMONA-6729 Datasheet
142Kb / 3P
Sheath Banana Plug
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
Rev 001
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Schurter Inc.
6007.0204 SCHURTER-6007.0204 Datasheet
283Kb / 3P
IEC Interconnection Cord with IEC plug stripped end
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
Pentair plc. All rights...
MR-20 PENTAIR-MR-20 Datasheet
232Kb / 2P
MINERAL REDUCTION CARTRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com