Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C400X400SP1-ASM Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # C400X400SP1-ASM
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C400X400SP1-ASM Datasheet(HTML) 4 Page - PANDUIT CORP.

  C400X400SP1-ASM Datasheet HTML 1Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 2Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 3Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 4Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 5Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 6Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 7Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 8Page - PANDUIT CORP. C400X400SP1-ASM Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
4
Turn-Tell® Labels
• Allows labels to rotate for visibility from any angle, and
allows repositioning on the wire/cable to align legends for
improved aesthetics
• Ideal for use in high-density or space-constrained
cable applications
• Use thermal transfer hybrid ribbon
• Temperature range: -40°F to 150°F (-40°C to 66°C)
Part Number
Print-On
Area
Color
Width
Length
Print-On
Area
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In. mm In.
mm
R050X075V1T
White
0.50 12.7
0.75
19.1
0.25
6.4
0.12 3.1 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
8
5000
R050X125V1T
1.25
31.8
0.38
9.7
0.16 4.1 0.22 5.6 Cat. 3 UTP/12 – 10 AWG
R050X150V1T
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/Cat. 5e FTP/
10 – 6 AWG
R100X075V1T
1.00 25.4
0.75
19.1
0.25
6.4
0.12 3.1 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
4
2500
R100X125V1T
1.25
31.8
0.38
9.7
0.16 4.1 0.22 5.6 Cat. 3 UTP/12 – 10 AWG
R100X150V1T
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/
R100X150V2T
TIA Blue
R100X150V3T TIA Green
R100X150V4T
TIA Gray
R100X150V7T
TIA Red
R100X150V8T TIA Yellow
R100X225V1T
White
2.25
57.2
0.75 19.1 0.28 7.1 0.39 9.9
Cat. 6 FTP/Cat. 6 UTP/
Cat. 6A FTP/8-4 AWG
R100X225V2T
TIA Blue
R100X225V3T TIA Green
R100X225V4T
TIA Gray
R100X225V7T
TIA Red
R100X225V8T TIA Yellow
R100X400V1T
White
4.00
101.6 1.00 25.4 0.39 9.9 0.95 24.1
2 – 1 AWG
1000
R150X150V1T
1.50 38.1
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/Cat. 5e FTP/
10 – 6 AWG
2
R200X150V1T
2.00 50.8
R200X225V1T
2.25
57.2
0.75 19.1 0.28 7.1 0.39 9.9
Cat. 6 FTP/Cat. 6A UTP/
Cat. 6A FTP/8 – 4 AWG
4
R200X400V1T
4.00
101.6 1.00 25.4 0.39 9.9 0.95 24.1
2 – 1 AWG
2
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com