Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HERAF801G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # HERAF801G
Description  Hyperfast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

HERAF801G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  HERAF801G Datasheet HTML 1Page - Inchange Semiconductor Company Limited HERAF801G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Rectifier
HERAF801G
www.iscsemi.com
1
FEATURES
· High current capability
· High surge current capability
APPLICATIONS
· DC to DC converter
· Freewheeling application
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
50
V
IF(AV)
Average Rectified Forward Current
(Rated VR-20Khz Square Wave)-50% duty cycle
8
A
IFSM
Surge peak forward current
8.3ms single half sine wave superimposed on rated load
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage Drop
IF= 8A
--
--
1.0
V
IR
Peak Reverse Current
VR=VRRM
--
--
10
uA


Similar Part No. - HERAF801G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF801G TSC-HERAF801G Datasheet
67Kb / 2P
Isolation 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G Datasheet
268Kb / 2P
Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G Datasheet
205Kb / 2P
8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_1 Datasheet
268Kb / 2P
Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_10 Datasheet
638Kb / 2P
Isolated 8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERAF801G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com