Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP042S-INS Datasheet(PDF) 3 Page - CTS Corporation

Part # MP042S-INS
Description  Quartz Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MP042S-INS Datasheet(HTML) 3 Page - CTS Corporation

  MP042S-INS Datasheet HTML 1Page - CTS Corporation MP042S-INS Datasheet HTML 2Page - CTS Corporation MP042S-INS Datasheet HTML 3Page - CTS Corporation MP042S-INS Datasheet HTML 4Page - CTS Corporation MP042S-INS Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document No. 008-0308-0
Page 3 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MP Series
Low Cost Quartz Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental or 3rd Overtone
Crystal Cut
AT-Cut
Frequency Range
1.8 MHz to 48.0 MHz
Frequency Tolerance @ 25°C
± 45 ppm Standard *
Frequency Stability Tolerance
(Operating Temperature Range, Referenced to 25°C Reading)
Operating Temperature Range
-20°C to +70°C *
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Standard Part Number Tables *
Shunt Capacitance (C0)
7.0 pF Maximum
Drive Level
100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
± 50 ppm Standard *
* Custom requirements are available upon request. Use form C052 to communicate crystal parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION
ESR Maximum
1.80 MHz - < 2.00 MHz
Fundamental
750 Ohms
2.00 MHz - < 2.40 MHz
Fundamental
550 Ohms
2.40 MHz - < 3.50 MHz
Fundamental
300 Ohms
3.50 MHz - < 4.00 MHz
Fundamental
150 Ohms
4.00 MHz - < 5.00 MHz
Fundamental
75 Ohms
5.00 MHz - < 6.40 MHz
Fundamental
50 Ohms
6.40 MHz - < 10.00 MHz
Fundamental
45 Ohms
10.00 MHz - < 30.00 MHz
Fundamental
35 Ohms
25.00 MHz - < 40.10 MHz
3RD Overtone
55 Ohms
40.10 MHz - 48.00 MHz
3RD Overtone
75 Ohms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com