Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC14APW Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC14APW
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14APW Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC14APW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 10 June 2016
3 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration SO14, SSOP14 and
TSSOP14
Fig 5.
Pin configuration DHVQFN14
14A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac518
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac519
14A
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
Table 3.
Function table[1]
Input nA
Output nY
LH
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com