Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC14ABZ Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC14ABZ
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14ABZ Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14ABZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC14ABZ Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
12. Transfer characteristics
Table 9. Transfer characteristics
Voltages are referenced to GND (ground = 0 V); see Fig. 9.
Tamb = -40 °C to +85 °C
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
VCC = 1.2 V
0.2
1.0
0.2
1.0
V
VCC = 1.65 V
0.4
1.3
0.4
1.3
V
VCC = 1.95 V
0.6
1.5
0.6
1.5
V
VCC = 2.3 V
0.8
1.7
0.8
1.7
V
VCC = 2.5 V
0.9
1.7
0.9
1.7
V
VCC = 2.7 V
1.1
2
1.1
2
V
VCC = 3 V
1.2
2
1.2
2
V
VT+
positive-going
threshold voltage
VCC = 3.6 V
1.2
2
1.2
2
V
VCC = 1.2 V
0.12
0.75
0.12
0.75
V
VCC = 1.65 V
0.15
0.85
0.15
0.85
V
VCC = 1.95 V
0.25
0.95
0.25
0.95
V
VCC = 2.3 V
0.4
1.1
0.4
1.1
V
VCC = 2.5 V
0.4
1.2
0.4
1.2
V
VCC = 2.7 V
0.8
1.4
0.8
1.4
V
VCC = 3 V
0.8
1.5
0.8
1.5
V
VT-
negative-going
threshold voltage
VCC = 3.6 V
0.8
1.5
0.8
1.5
V
VCC = 1.2 V
0.1
1.0
0.1
1.0
V
VCC = 1.65 V
0.2
1.15
0.2
1.15
V
VCC = 1.95 V
0.2
1.25
0.2
1.25
V
VCC = 2.3 V
0.3
1.3
0.3
1.3
V
VCC = 2.5 V
0.3
1.3
0.3
1.3
V
VCC = 2.7 V
0.3
1.1
0.3
1.1
V
VCC = 3 V
0.3
1.2
0.3
1.2
V
VH
hysteresis voltage
(VT+ - VT-)
VCC = 3.6 V
[1]
0.3
1.2
0.3
1.2
V
[1] Typical transfer characteristic is displayed in Fig. 10.
12.1. Waveforms transfer characteristics
mna207
VO
VI
VH
VT+
VT-
mna208
VO
VI
VH
VT+
VT-
VT− at 20 % and VT+ at 70 %
Fig. 9. Definition of VT+, VT- and VH
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com