Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC161D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC161D
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC161D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC161
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 30 September 2013
9 of 22
NXP Semiconductors
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-40
A
I
CC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-
5.0
--
-pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 14.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
CP to Qn; see Figure 9
[2]
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
7.0
14.5
1.5
16.7
ns
VCC = 2.3 V to 2.7 V
2.5
4.0
8.1
2.5
9.4
ns
VCC = 2.7 V
1.5
3.8
7.2
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.6
7.3
1.5
9.5
ns
CP to TC; see Figure 9
[2]
VCC = 1.2 V
-
20
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.8
8.1
15.5
1.8
17.9
ns
VCC = 2.3 V to 2.7 V
2.8
4.6
8.7
2.8
10.1
ns
VCC = 2.7 V
1.5
4.3
7.8
1.5
10.0
ns
VCC = 3.0 V to 3.6 V
1.5
4.2
7.8
1.5
10.0
ns
CET to TC; see Figure 10
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
5.9
11.9
1.5
13.7
ns
VCC = 2.3 V to 2.7 V
1.9
3.4
6.7
1.9
7.7
ns
VCC = 2.7 V
1.5
3.6
6.5
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.1
6.0
1.5
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com