Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC244APW Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC244APW
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC244APW Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC244APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC244APW Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Nexperia
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
10.1. Waveforms and test circuit
mna171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 7. The input (nAn) to output (nYn) propagation delays
mna362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 8. 3-state enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
VX
VY
1.2 V
VCC
0.5 × VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
1.65 V to 1.95 V
VCC
0.5 × VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
2.3 V to 2.7 V
VCC
0.5 × VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
2.7 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74LVC_LVCH244A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
9 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com