Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXP1T34GWH Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # AXP1T34GWH
Description  Dual supply translating buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

AXP1T34GWH Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button AXP1T34GWH Datasheet HTML 3Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 4Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 5Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 6Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 7Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 8Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 9Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 10Page - Nexperia B.V. All rights reserved AXP1T34GWH Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Nexperia
AXP1T34
Dual supply translating buffer
Tamb = 25 °C
Tamb = -40 °C to +85 °C Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
VI = VIL;
IO = 0.1 mA; VCCO = 0.9 V to 5.5 V
[1]
-
0
0.1
-
0.1
-
0.1
V
IO = 1.5 mA; VCCO = 1.1 V
-
-
0.275
-
0.275
-
0.275
V
IO = 3 mA; VCCO = 1.4 V
-
-
0.35
-
0.35
-
0.35
V
IO = 4.5 mA; VCCO = 1.65 V
-
-
0.45
-
0.7
-
0.7
V
IO = 8 mA; VCCO = 2.3 V
-
-
0.7
-
0.8
-
0.8
V
IO = 10 mA; VCCO = 3.0 V
-
-
0.8
-
0.8
-
0.8
V
VOL
LOW-level
output voltage
IO = 12 mA; VCCO = 4.5 V
-
-
0.8
-
0.8
-
0.8
V
II
input leakage
current
VI = 0 V to 5.5 V; VCCI = 0.9 V to 5.5 V
-
-
±0.1
-
±0.5
-
±1
μA
Y output; VO = 0 V or 5.5 V; VCCO = 0.9 V to 5.5 V
-
-
±0.1
-
±0.5
-
±2
μA
suspend mode Y output; VO = 0 V or VCCO; VCCI = 5.5 V;
VCCO = 0 V
-
-
±0.1
-
±0.5
-
±2
μA
IOZ
OFF-state
output current
suspend mode Y output; VO = 0 V or VCCO; VCCI = 0 V;
VCCO = 5.5 V
-
-
±0.1
-
±0.5
-
±2
μA
A input; VI = 0 V to 5.5 V; VCCI = 0 V; VCCO = 0.9 V to 5.5 V
-
-
±0.1
-
±0.5
-
±2
μA
IOFF
power-off
leakage
current
Y output; VI or VO = 0 V to 5.5 V; VCCI = 0.9 V to 5.5 V;
VCCO = 0 V
-
-
±0.1
-
±0.5
-
±2
μA
A input; VI = 0 V to 5.5 V; VCCI = 0 V to 0.1 V;
VCCO = 0.9 V to 5.5 V
-
-
±0.1
-
±0.5
-
±2
μA
ΔIOFF
additional
power-off
leakage
current
Y output; VI or VO = 0 V to 5.5 V; VCCI = 0.9 V to 5.5 V;
VCCO = 0 V to 0.1 V
-
-
±0.1
-
±0.5
-
±2
μA
[1] Typical values for VOL and VOH are measured at VCCO = 0.9 V
AXP1T34
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 1 — 1 December 2023
7 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com