Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC245ABZX Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC245ABZX
Description  Octal bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245ABZX Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC245ABZX Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC245ABZX Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
10.1. Waveforms and test circuit
mna176
An, Bn input
Bn, An output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. Input (An, Bn) to output (Bn, An) propagation delays and output transition times
mna367
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 7. Enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
VCC
VM
VI
VM
VX
VY
1.2 V
0.5 × VCC
VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
1.65 V to 1.95 V
0.5 × VCC
VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
2.3 V to 2.7 V
0.5 × VCC
VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
2.7 V
1.5 V
2.7 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
3.0 V to 3.6 V
1.5 V
2.7 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com