Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC-ALH310 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC-ALH310
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-ALH310 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC-ALH310 Datasheet HTML 4Page - Analog Devices HMC-ALH310 Datasheet HTML 5Page - Analog Devices HMC-ALH310 Datasheet HTML 6Page - Analog Devices HMC-ALH310 Datasheet HTML 7Page - Analog Devices HMC-ALH310 Datasheet HTML 8Page - Analog Devices HMC-ALH310 Datasheet HTML 9Page - Analog Devices HMC-ALH310 Datasheet HTML 10Page - Analog Devices HMC-ALH310 Datasheet HTML 11Page - Analog Devices HMC-ALH310 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
13 - 8
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Pin Number
Function
Description
Interface Schematic
11
VGATE
Gate Control pin for external amplifier. Connect to the gate
(base) of the external amplifier. In order to guarantee
stability,a 10μF capacitor should be connected between
the gate (base) terminal of the external amplifier and GND
as close to the amplifier as possible.
12
VDRAIN
Drain voltage. Should be connected to the supply
terminal of the external amplifier. A minimum 100 nF
capacitor has to be placed close to the external amplifier to
improve load regulation.
13
TRIGOUT
Trigger out signal. Generates a HIGH (3.5V) signal when
the active bias system stabilizes. This signal can be
used to trigger next device (ENABLE) if more than one
HMC981LP3E is used in a daisy chain.
15
ISENSE
To adjust the bias current of the external amplifier connect
a resistor (Rsense) from ISENSE pin to GND. Use Eqn.2 to
determine the required Rsense value.
16
VREF
1.5V reference voltage. 0.1uF or greater capacitor to GND
is needed for noise filtering.
Pin Descriptions (Continued)
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com