Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4294179 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4294179
Description  Screw In Pt100 RTD Temperature Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4294179 Datasheet(HTML) 2 Page - Labfacility Ltd

  4294179 Datasheet HTML 1Page - Labfacility Ltd 4294179 Datasheet HTML 2Page - Labfacility Ltd 4294179 Datasheet HTML 3Page - Labfacility Ltd 4294179 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
PRT - 34
Oct-23
Screw in temperature sensors with a Pt100 class A 4 wire resistance thermometer
detector (RTD) with a measuring range of -75 to +250°C with a 1 metre PFA lead wire.
Available with process thread options 1/4 BSPP, 1/2 BSPP & 1/4 & 1/2 NPT for direct
mounting into vessels, pipes, tanks, or ducting for liquid or gas temperature
measurement. With standard diameters of 3 & 6mm diameter 316 Stainless steel
sheath and standard lengths of 50, 100, 150 & 200.
Screw-in options 1/4 BSPP, 1/2 BSPP & 1/4 & 1/2 NPT process threads
Pt100 RTD class A 4 wire resistance thermometer as per IEC 751
Sensor temperature rating -75 to +250°C
3 & 6mm 316 stainless steel sheath
50, 100, 150 & 200mm standard lengths
Typical Applications
Industrial Process Control
Pipes or Ducts
Vessels & Tanks
Specifications
General Description
Screw in RTD with 1/4" BSPP process fitting
Sensor Type
Pt100
Cable Length
1M
Cable Type
PFA
Termination Type
Stripped Wires
Sheath Length (mm)
50mm, 100mm, 150mm, 200mm
Sheath Diameter (mm)
3mm, 6mm
Process Connection options
1/4"BSPP, 1/2"BSPP, 1/4"NPT, 1/2"NPT
Max. Temperature
+250°C
Min. Temperature
-75°C
Standards Met
IEC 60751
Number of Wires
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com