Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08053D100DAT4A Datasheet(PDF) 12 Page - AVX Corporation

Part # 08053D100DAT4A
Description  Multilayer Ceramic Chip Capacitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053D100DAT4A Datasheet(HTML) 12 Page - AVX Corporation

Back Button 08053D100DAT4A Datasheet HTML 8Page - AVX Corporation 08053D100DAT4A Datasheet HTML 9Page - AVX Corporation 08053D100DAT4A Datasheet HTML 10Page - AVX Corporation 08053D100DAT4A Datasheet HTML 11Page - AVX Corporation 08053D100DAT4A Datasheet HTML 12Page - AVX Corporation 08053D100DAT4A Datasheet HTML 13Page - AVX Corporation 08053D100DAT4A Datasheet HTML 14Page - AVX Corporation 08053D100DAT4A Datasheet HTML 15Page - AVX Corporation 08053D100DAT4A Datasheet HTML 16Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
11
X7R Dielectric
Capacitance Range
*Reflow soldering only.
NOTES: For higher voltage chips, see pages 20 and 21.
PREFERRED SIZES ARE SHADED
SIZE
1210
1808*
1812*
1825*
2220*
2225*
Standard Reel Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
MM
3.20 ± .20
4.57 ± .25
4.50 ± .30
4.50 ± .30
5.7 ± 0.4
5.72 ± .25
(in.)
(.126 ± .008)
(.180 ± .010)
(.177 ± .012)
(.177 ± .012)
(.225 ± .016)
(.225 ± .010)
(W) Width
MM
2.50 ± .20
2.03 ± .25
3.20 ± .20
6.40 ± .40
5.0 ± 0.4
6.35 ± .25
(in.)
(.098 ± .008)
(.080 ± .010)
(.126 ± .008)
(.252 ± .016)
(.197 ± .016)
(.250 ± .010)
(T) Max. Thickness
MM
1.70
1.52
1.70
1.70
2.30
1.70
(in.)
(.067)
(.060)
(.067)
(.067)
(.090)
(.067)
(t)
Terminal
MM
.50 ± .25
.64 ± .39
.61 ± .36
.61 ± .36
.64 ± .39
.64 ± .39
(in.)
(.020 ± .010)
(.025 ± .015)
(.024 ± .014)
(.024 ± .014)
(.025 ± .015)
(.025 ± .015)
WVDC
16
25
50
100
25
50
100
50
100
50
100
50
100
200
50
100
Cap
1000
(pF)
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
Cap.
.010
(µF)
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
= Paper Tape
= Embossed Tape
L
W
T
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com