Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28913 Datasheet(PDF) 1 Page - Wiha Tools

Part # 28913
Description  52 Pc. iTorque Bit Set - 7-26 In/lbs.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28913 Datasheet(HTML) 1 Page - Wiha Tools

  28913 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
T-Handle TorqueControl TORX® Blade
Item No. Description
Case Pack
28903
T15 x 130mm
3
28904
T20 x 130mm
3
28905
T25 x 130mm
3
28906
T27 x 130mm
3
28907
T30 x 130mm
3
28908
T40 x 130mm
3
T-Handle TorqueControl TORXPlus® Blade
Item No. Description
Case Pack
28910
IP15 x 130mm
3
28911
IP20 x 130mm
3
28912
IP25 x 130mm
3
28913
IP27 x 130mm
3
28914
IP30 x 130mm
3
T-Handle TorqueControl Hex Metric Blade
Item No. Description
Case Pack
28916
3.0 x 130mm
3
28917
4.0 x 130mm
3
28918
5.0 x 130mm
3
28919
6.0 x 130mm
3
52 Pc. iTorque Bit Set - 7-26 In/lbs.
Item No. Description
Case Pack
28892
iTorque Bit Set
1
Slotted: 4.5, 5.5, 6.5, 8.0mm Phillips: #0, 1, 2, 3
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
Pozidriv: #0, 1, 2, 3 Square: #1, 2, 3
Hex In: 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
Torq Set: #4, 5, 6, 8 Tri-wing: #0, 1, 2, 3, 4
iTorque Handle 7-26 In/lbs. & 1/4” Bit Holder Adapter
52 Pc. iTorque Bit Set - 9-50 In/lbs.
Item No. Description
Case Pack
28896
iTorque Bit Set
1
Slotted: 4.5, 5.5, 6.5, 8.0mm Phillips: #0, 1, 2, 3
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
Pozidriv: #0, 1, 2, 3 Square: #1, 2, 3
Hex In: 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
Torq Set: #4, 5, 6, 8 Tri-wing: #0, 1, 2, 3, 4
iTorque Handle 9-45 In/lbs. & 1/4” Bit Holder Adapter
24 Pc. ESD Safe TorqueVario-S Micro Bit Set
Item No. Description
Case Pack
28895
Torque Micro Bit Set
1
Slotted: .8, 1.2, 1.5, 1.8, 2.0mm
Phillips: #000, 00, 0 & Hex: .7, .9, 1.3mm
TORX: T1, T2, T3, T4, T5, T6
Pentelobe: PL1, PL2, PL3, PL4
Adjustable Torque Handle: .04-.46 Nm (+/- 10%)
Item No. Description
Case Pack
29232 T5 - 4.4 In/lbs.-0.5Nm
3
29233 T6 - 5.3 In/lbs.-0.6Nm
3
29234 T7 - 8.0 In/lbs.-0.9Nm
3
29236 T8 - 10.6 In/lbs.-1.2Nm
3
29237 T9 - 12.4 In/lbs.-1.4Nm
3
29239 T10 - 17.7 In/lbs.-2.0Nm
3
29242 T15 - 26.6 In/lbs.-3.0Nm
3
29243 T20 - 35.4 In/lbs.-4.0Nm
3
29244 T25 - 44.2 In/lbs.-5.0Nm
3
TorqueFix Quick Release Bit Holder
Item No. Description
Case Pack
28925
1/4” x 125mm
3
TorqueFix Adapter For 1/4” & 3/8” Sockets
Item No. Description
Case Pack
28926
1/4” x 100mm
3
TorqueFix T-Handle
Item No. Description
Case Pack
28931
53.1 In/lbs.-6 Nm
1
28933
70.8 In/lbs.-8 Nm
1
28935
88.5 In/lbs.-10 Nm
1
28937
106.2 In/lbs.-12 Nm
1
28938
110.6 In/lbs.-12.5 Nm
1
28939
123.9 In/lbs.-14 Nm
1
Adjustable TorqueVario STplus T-Handle
Item No. Description
Case Pack
28940
44.3 - 123.9 In/lbs.
1
5 - 14 Nm (Scale is shown in Nm only)
easyTorque Screwdriver Handles
Item No. Description
Case Pack
29205
4.4 In/lbs. - 0.5 Nm
3
29206
5.3 In/lbs. - 0.6 Nm
3
29209
7.9 In/lbs. - 0.9 Nm
3
29211
9.7 In/lbs. - 1.1 Nm
3
29212
10.6 In/lbs. - 1.2 Nm
3
29214
12.4 In/lbs. - 1.4 Nm
3
29220
17.7 In/lbs. - 2.0 Nm
3
29225
22.1 In/lbs. - 2.5 Nm
3
29230
26.6 In/lbs. - 3.0 Nm
3
29238
33.6 In/lbs. - 3.8 Nm
3
29241
35.4 In/lbs. - 4.0 Nm
3
29245
39.8 In/lbs. - 4.5 Nm
3
29251
44.2 In/lbs. - 5.0 Nm
3
easyTorque TORX Screwdrivers
Item No. Description
Case Pack
29246 IP5 - 4.4 In/lbs.-0.5Nm
3
29247 IP6 - 5.3 In/lbs.-0.6Nm
3
29248 IP7 - 8.0 In/lbs.-0.9Nm
3
29249 IP8 - 10.6 In/lbs.-1.2Nm
3
29252 IP9 - 12.4 In/lbs.-1.4Nm
3
29253 IP10 - 17.7 In/lbs.-2.0Nm
3
29254 IP15 - 26.6 In/lbs.-3.0Nm
3
29255 IP20 - 35.4 In/lbs.-4.0Nm
3
29256 IP25 - 44.2 In/lbs.-5.0Nm
3
easyTorque TORXPlus Screwdrivers
Torque QuickCheck
Item No. Description
Case Pack
28897
Torque Quick Checker
1
Torque Checker, Adapter blades & 2 batteries
In durable
storage
box


Similar Part No. - 28913

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
28913 WIHA-28913 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
logo
PHOENIX CONTACT
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891315 PHOENIX-2891315 Datasheet
73Kb / 7P
FO converters - FL MC 2000T SC
2891316 PHOENIX-2891316 Datasheet
72Kb / 6P
FO converters - FL MC 2000T ST
2891317 PHOENIX-2891317 Datasheet
71Kb / 6P
FO converters - FL MC 2000T SM20 SC
More results

Similar Description - 28913

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2952770301 FAIR-RITE-2952770301 Datasheet
591Kb / 5P
52 PC BEAD
2952770302 FAIR-RITE-2952770302 Datasheet
548Kb / 5P
52 SM PC BEAD
2952776101 FAIR-RITE-2952776101 Datasheet
584Kb / 5P
52 PC BEAD
2952776102 FAIR-RITE-2952776102 Datasheet
542Kb / 5P
52 SM PC BEAD
2952778101 FAIR-RITE-2952778101 Datasheet
579Kb / 5P
52 PC BEAD
2952778102 FAIR-RITE-2952778102 Datasheet
537Kb / 5P
52 SM PC BEAD
logo
Rosenberger Hochfrequen...
VA26-PC7-PC7-60 ROSENBERGER-VA26-PC7-PC7-60 Datasheet
116Kb / 2P
TEST CABLE SET RPC-7 / RPC-7
logo
PHOENIX CONTACT
2724436 PHOENIX-2724436 Datasheet
71Kb / 2P
Cable set, for COM1, COM2, for PC controller board in PC/104 format
1209952 PHOENIX-1209952 Datasheet
48Kb / 3P
Tool set - ASD BIT SET HN
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com