Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7113 Datasheet(PDF) 1 Page - Wiha Tools

Part # 7113
Description  Universal Holder, Magnetic, Style E 6.3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

7113 Datasheet(HTML) 1 Page - Wiha Tools

  7113 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01894
1/4
1/4
74
10
7113 S
Universal Holder, Magnetic, Style E 6.3.
Suitable for
DIN 3126, ISO 1173, Style D 6.3.
Sleeve
Stainless steel.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Order No.
01895
1/4
1/4
58
10
7148 C
CentroFix Quick-release Holder, Style E 6.3.
Suitable for
DIN 3126, ISO 1173, Style D 6.3 + F 6.3 and double bits.
Sleeve
Metal, coated.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Application
Whenever the bit needs a secure and zero-play hold.
Optimised for the use of drill bits.
Extra
The play between bit and holder is reduced to a minimum.
Real single-handed operation for fast bit exchange.
Order No.
Page 5 of 6


Similar Part No. - 7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7113 ETC1-7113 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7113 CONNOR-WINFIELD-7113 Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7113-050.0M CONNOR-WINFIELD-7113-050.0M Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
Bourns Electronic Solut...
7113-RC BOURNS-7113-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7113-RC BOURNS-7113-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
More results

Similar Description - 7113

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FTH-3-01 RICHCO-FTH-3-01 Datasheet
105Kb / 1P
FLAT TIE HOLDER, STYLE #3
logo
EPCOS
B78304BA003 EPCOS-B78304BA003 Datasheet
530Kb / 5P
Inductors DC/DC converters E 6.3
logo
Lineage Power Corporati...
0FHJ1001G LINEAGEPOWER-0FHJ1001G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
Littelfuse
0FHJ1001G LITTELFUSE-0FHJ1001G Datasheet
409Kb / 2P
Inline Holder for JCASE??Style Fuses
logo
List of Unclassifed Man...
KMA36 ETC2-KMA36 Datasheet
706Kb / 16P
KMA36 universal magnetic encoder
logo
Molex Electronics Ltd.
130112-0124 MOLEX11-130112-0124 Datasheet
38Kb / 1P
Magnetic Holder Base with Swivel
1301120124 MOLEX11-1301120124 Datasheet
38Kb / 1P
Magnetic Holder Base with Swivel
logo
TE Connectivity Ltd
TTDS-259 TEC-TTDS-259 Datasheet
531Kb / 3P
UNIVERSAL REEL HOLDER
logo
SparkFun Electronics
ROB-14076 SPARKFUN-ROB-14076 Datasheet
92Kb / 1P
Motor Mount - E Style
12/16/2016
logo
Littelfuse
01520003U LITTELFUSE-01520003U_V01 Datasheet
276Kb / 1P
MAXI STYLE SPLASH RESISTANT FUSE HOLDER
Rev: 062519
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com