Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

104-2-A-5/2D Datasheet(PDF) 4 Page - Copyright Pickering Electronics Ltd

Part # 104-2-A-5/2D
Description  High Voltage SIL/SIP Reed Relays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

104-2-A-5/2D Datasheet(HTML) 4 Page - Copyright Pickering Electronics Ltd

  104-2-A-5/2D Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 7Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 8Page - Copyright Pickering Electronics Ltd 104-2-A-5/2D Datasheet HTML 9Page - Copyright Pickering Electronics Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
High Voltage SIL/SIP Reed Relays – Series 104
pickering
relay.com
Specification
Dry Relay: Series 104 Coil Data and Type Numbers
Device Type
Type Number
Coil
(V)
Coil
resistance
Max.
contact
resistance
(initial)
Insulation resistance
(minimum at 25 °C)
(see Note4)
Capacitance
(typical)
(see Note2)
Switch
to coil
Across
switch
Closed
switch
to coil
Across
open
switch
1 Form A
Switch No. 1 (1.5 kV)
Package Type 1 *
104-1-A-5/1D
5
375 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-A-12/1D
12
1000 Ω
104-1-A-24/1D
24
3000 Ω
1 Form A
Switch No. 2 (2 kV)
Package Type 1 *
104-1-A-5/2D
5
375 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-A-12/2D
12
1000 Ω
104-1-A-24/2D
24
3000 Ω
1 Form A
Switch No. 3 (3 kV)
Package Type 2
104-1-A-5/3D
5
220 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-A-12/3D
12
500 Ω
104-1-A-24/3D
24
3000 Ω
1 Form A
Switch No. 4 (4 kV)
Package Type 2
104-1-A-5/4D
5
220 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-A-12/4D
12
500 Ω
104-1-A-24/4D
24
3000 Ω
1 Form B
Switch No. 1 (1.5 kV)
Package Type 3
104-1-B-5/1D
5
750 Ω
0.20 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-B-12/1D
12
2000 Ω
104-1-B-24/1D
24
3000 Ω
1 Form B
Switch No. 2 (2 kV)
Package Type 3
104-1-B-5/2D
5
750 Ω
0.20 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
104-1-B-12/2D
12
2000 Ω
104-1-B-24/2D
24
3000 Ω
2 Form A
Switch No. 1 (1.5 kV)
Package Type 4
104-2-A-5/1D
5
250 Ω
0.20 Ω
1012 Ω
1012 Ω
See
Note3
See
Note3
104-2-A-12/1D
12
750 Ω
104-2-A-24/1D
24
2000 Ω
2 Form A
Switch No. 2 (2 kV)
Package Type 4
104-2-A-5/2D
5
250 Ω
0.20 Ω
1012 Ω
1012 Ω
See
Note3
See
Note3
104-2-A-12/2D
12
750 Ω
104-2-A-24/2D
24
2000 Ω
When an internal diode is required, the suffix D is added to the part number as shown in the table.
* Package Type 2 available, contact Pickering for more details.
Note2: Capacitance across open switch
The capacitance across the open switch was measured with other connections guarded.
Note3: Capacitance values
The value will depend upon on the mode of connection/guarding of unused terminals. Please contact technical sales for
details.
Note4: Insulation resistance
Insulation resistance will reduce at higher temperatures. For more information on temperature effects
click here, or
contact Pickering for more in depth guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com