Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28532 Datasheet(PDF) 13 Page - Wiha Tools

Part # 28532
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28532 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 28532 Datasheet HTML 9Page - Wiha Tools 28532 Datasheet HTML 10Page - Wiha Tools 28532 Datasheet HTML 11Page - Wiha Tools 28532 Datasheet HTML 12Page - Wiha Tools 28532 Datasheet HTML 13Page - Wiha Tools 28532 Datasheet HTML 14Page - Wiha Tools 28532 Datasheet HTML 15Page - Wiha Tools 28532 Datasheet HTML 16Page - Wiha Tools 28532 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Insulated TorqueVario-S, With
Window Scale Insulation
up to 1000Volt
EN ISO, BS EN, ASME, VDE, ASTM &
NFPA70E standards, +/- 6% Accuracy. Handle
sizes proportioned to optimize torque range.
Audible and perceptible click when torque
setting has been attained. (Requires Insulated
Blade Holder #28350-Not Included)
287
Item
Range
No.
Inch lbs. Increments
mm
28724
5 - 18 .5 In.lbs.
131
28726
10 - 50 2 In.lbs.
138
28727
18 - 62 2 In.lbs.
142
1000V
Each TorqueVario handle has unique serial
number and certificate of calibration
Wiha Insulated
TorqueControl Tools
Includes Certificate
Item
Range
No.
Nm
mm lbs. pkg.
28734
0.5 - 2.0 131 .45 1
28736
0.8 - 5.0 138 .45 1 (.2 Nm Increment)
28738
2.0 - 7.0 142 .72 1
287 Insulated TorqueVario-S Handle -
In Newton Meter Scale (Requires Insulated
Blade Holder #28350-Not Included)
Insulated Slotted SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
283
Item
Slim Max Inch/
No.
mm Inch Dia. Nm lbs. lbs.
28307
2.5 .098 4.0 0.4 3.5
.02
28308
3.0 .118 4.0 0.6 5.3
.02
28310
3.5 .141 4.0 0.6 5.3
.02
28309
4.0 .157 4.0 2.5 22.1 .02
28312
5.5 .216 6.0 3.8 33.6 .02
28315
6.5 .255 6.0 5.5 48.7 .02
Insulated Phillips SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
283
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
28317
1
4.0
3.8
33.6
.02
28319
2
6.0
5.5
48.7
.02
Insulated Xeno Slotted & Phillips
SlimLine Blades High quality CV steel, through
hardened. SlimLine blades have up to 33%
narrower insulation diameter then standard
insulated tools.
283
Item
Slim Max Inch/
No.
Size Dia.
Nm
lbs.
lbs.
28327
1
4.0
3.8
33.7
.02
28329
2
6.0
5.5
48.8
.02
Insulated
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
283
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
28339
T8
4.0
1.3
11.5 .02
28344
T9
4.0
1.3
11.5 .02
28340
T10
4.0
3.8
33.6 .02
28341
T15
6.0
5.5
48.7 .02
28342
T20
6.0
5.5
48.7 .02
28343
T25
6.0
5.5
48.7 .02
Insulated Square SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
283
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
28346
1
4.0
3.8
33.6
.02
28347
2
6.0
5.5
48.7
.02
Wiha Insulated SlimLine Blades
Insulated Pozidriv® SlimLine Blades
SlimLine blades have up to 33% narrower
insulation diameter then standard insulated tools.
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
1
4.0
3.8
33.7
.02
2
6.0
5.5
48.8
.02
28330
28331
283
Insulated Hex Metric SlimLine Blades
SlimLine blades have up to 33% narrower
insulation dia. then standard insulated tools.
Item
Slim Max Inch/
No.
Size Dia. Nm
lbs.
lbs.
1.5
4.0
0.9
7.9
.02
2.0
4.0
1.8
15.9 .02
2.5
4.0
3.8
33.6 .02
3.0
4.0
5.5
48.7 .02
4.0
6.0
5.5
48.7 .02
5.0
6.0
5.5
48.7 .02
6.0
6.0
5.5
48.7 .02
28332
28333
28334
28335
28336
28337
28338
283
Insulated Xeno SlottedPozidriv®
SlimLine Blades Up to 33% narrower insulation
dia. then standard insulated tools.
Item
Slim Max Inch/
No.
Size Dia.
Nm
lbs.
lbs.
1
4.0
3.8
33.6
.02
2
6.0
5.5
48.7
.02
283
28320
28321
Wiha Insulated SlimLine
Torque Blade Holder
28350 Insulated SlimLine Torque Blade
Holder CVM steel. Through hardened black
finish. ClicFix quick release holder securely
locks blades.
Item
OAL OAL
No.
mm mm
Inch
lbs. pkg.
28350
6.0
170
6.75
.06
1
1000Volt
www.wihatools.com
lbs. pkg.
.43 1
.40 1
.69 1
pkg.
1
1
pkg.
1
1
pkg.
1
1
1
1
1
1
pkg.
1
1
pkg.
1
1
pkg.
1
1
1
1
1
1
1
pkg.
1
1
1
1
1
1
pkg.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com