Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H250D Datasheet(PDF) 8 Page - OSRAM GmbH

Part # H250D
Description  POWERSTAR® HQI®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

H250D Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button H250D Datasheet HTML 4Page - OSRAM GmbH H250D Datasheet HTML 5Page - OSRAM GmbH H250D Datasheet HTML 6Page - OSRAM GmbH H250D Datasheet HTML 7Page - OSRAM GmbH H250D Datasheet HTML 8Page - OSRAM GmbH H250D Datasheet HTML 9Page - OSRAM GmbH H250D Datasheet HTML 10Page - OSRAM GmbH H250D Datasheet HTML 11Page - OSRAM GmbH H250D Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
TS 44842 OSRAM / POWERSTAR HQI 106 T001 GB
4/24.5.2007
POWERSTAR® HQI®-TS
HQI-TS
HQI-TS
HQI-TS
HQI-TS
HQI-TS
HQI-TS
70 W
70 W
70 W
150 W
150 W
150 W
WDL
NDL
D
WDL
NDL
D
Type
UVS
UVS
UVS
UVS
UVS
UVS
ILCOS
MD/UB-70/30/2B-H- MD/UB-70/40/1B-H- MD/UB-70/52/1B-H- MD/UB-150/30/1B-H- MD/UB-150/42/1B-H- MD/UB-150/52/1B-H-
RX7s-20/114.2/P45
RX7s-20/114.2/P45
RX7s-20/114.2/P45
RX7s24-23/132/P45 RX7s24-23/132/P45 RX7s24-23/132/P45
Lamp wattage
W
75
73
75
150
150
150
Lamp voltage
V
95
85
110
95
90
100
Ignition voltage min./max.
kVs
3.6/5
3.6/5
3.6/5
3.6/5
3.6/5
3.6/5
Lamp current
A
1
1
1
1.8
1.8
1.8
Nominal luminous flux
lm
5100
5700
5500
11700
12000
12000
Luminous efficacy
lm/W
71
76
73
78
80
80
Light colour/Colour appearance
WDL
NDL
D
WDL
NDL
D
Colour temperature
K
3000
4000
5200
3000
4200
5200
Colour rendering index
Ra
76
83
85
76
87
91
NIOSH Skin
h
> 23
> 7
> 16
> 41
> 10.2
> 11.7
ACGIH UV output
mW/lm² · 1000 lx
< 0.36
< 1.26
< 0.52
< 0.2
< 0.8
< 0.7
Base
RX7s
RX7s
RX7s
RX7s-24
RX7s-24
RX7s-24
Diameter d
mm
20
20
20
23
23
23
Length max. I
mm
114.2
114.2
114.2
132
132
132
LCL a
mm
57
57
57
66
66
66
Burning position
p 45
p 45
p 45
p 45
p 45
p 45
Average lamp life
h
12000
12000
12000
12000
12000
12000
Max. perm. outer bulb temp.
°C
500
500
500
650
650
650
Max. perm. pinch temp.
°C
280
280
280
280
280
280
PF corr. cap. at 50 Hz
µF
12
12
12
20
20
20
Lamp reference
HQI-TS 70W/WDL
HQI-TS 70W/NDL
HQI-TS 70W/D
HQI-TS 150W/WDL
HQI-TS 150W/NDL
HQI-TS 150W/D
EAN
4050300412955
4050300412931
4050300437521
4050300412979
4050300362380
4050300437545
Standard pack
Qty
12
12
12
12
12
12
Figure
No.
1
1
1
1
1
1
Circuit (see page 22)
Fig. no.
2/3/5
2/3/5
2/5
2/3/5
2/3/5
2/5
1
Survival rate HQI-TS 150 W/WDL
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Survival rate HQI-TS 150 W/NDL, /D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
10000
12000
Luminous flux behaviour HQI-TS 150 W/WDL
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
Luminous flux behaviour HQI-TS 150 W/NDL, /D
Hours burned
2000
4000
6000
8000
0
10000
12000
100
90
80
70
60
50
Survival rate HQI-TS 70 W/WDL/NDL/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0
Luminous flux behaviour HQI-TS 70 W/WDL/NDL/D
Hours burned
100
90
80
70
60
50
2000
4000
6000
8000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com